Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDQC5V0BHT-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDQC5V0BHT-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQC5V0BHT-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDQC5V0BHT-HF Datasheet HTML 1Page - Comchip Technology CPDQC5V0BHT-HF Datasheet HTML 2Page - Comchip Technology CPDQC5V0BHT-HF Datasheet HTML 3Page - Comchip Technology CPDQC5V0BHT-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Rating and Characteristic Curves (CPDQC5V0BHT-HF)
SMD ESD Protection Diode
0
2
0
100
Fig.4 - Capacitance Between
Terminals Characteristics
Reverse Voltage, (V)
1
4
1
6
26
40
0
2
4
14
Fig.3 - Clamping Voltage vs.
Peak Pulse Current
Peak Pulse Current, (A)
16
Mounting on glass epoxy PCBs
0
25
50
75
100
125
0
20
40
60
80
100
120
Fig.2 - Power Rating Derating Curve
Ambient Temperature, (°C)
Fig.1 - 8/20µs Peak Pulse Current
Waveform Acc. IEC 61000-4-5
0
10
15
20
25
30
5
Time, (µs)
td= t Ipp/2
e-t
0%
20%
40%
60%
80%
100%
120%
Test Waveform
parameters
tf=8µs
td=20µs
Ta=25°C
Peak Value Ipp
6
8
10
12
10
20
30
40
90
50
60
70
80
16
11
21
31
36
3
5
Comchip Technology CO., LTD.
REV:A
Page 2
QW-G7142



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com