Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRSF3232ECDBR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TRSF3232ECDBR
Description  TRSF3232E 3V TO 5.5V Two-Channel RS-232 1Mbit/s Line Driver and Receiver with ±15kV IEC ESD Protection in Small Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRSF3232ECDBR Datasheet(HTML) 3 Page - Texas Instruments

  TRSF3232ECDBR Datasheet HTML 1Page - Texas Instruments TRSF3232ECDBR Datasheet HTML 2Page - Texas Instruments TRSF3232ECDBR Datasheet HTML 3Page - Texas Instruments TRSF3232ECDBR Datasheet HTML 4Page - Texas Instruments TRSF3232ECDBR Datasheet HTML 5Page - Texas Instruments TRSF3232ECDBR Datasheet HTML 6Page - Texas Instruments TRSF3232ECDBR Datasheet HTML 7Page - Texas Instruments TRSF3232ECDBR Datasheet HTML 8Page - Texas Instruments TRSF3232ECDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
4 Pin Configuration and Functions
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
VCC
GND
DOUT1
RIN1
ROUT1
DIN1
DIN2
ROUT2
Figure 4-1. D, DB, DW, PW or DYY Package
16-Pin SSOP, TSSOP, or SOT-23-THN
(Top View)
Thermal Pad
1
2
3
4
5
12
11
10
9
6
7
8
16
15
14
13
C1-
C2+
C2-
V-
DOUT1
RIN1
ROUT1
DIN1
DOUT2 RIN2 ROUT2 DIN2
C1+
V+
V
CC
GND
Figure 4-2. RGT, VQFN Package (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
D, DB, DW, PW or
DYY
RGT
C1+
1
16
-
Positive lead of C1 capacitor
V+
2
15
O
Positive charge pump output for storage capacitor only
C1-
3
1
-
Negative lead of C1 capacitor
C2+
4
2
-
Positive lead of C2 capacitor
C2-
5
3
-
Negative lead of C2 capacitor
V-
6
4
O
Negative charge pump output for storage capacitor only
DOUT2
7
5
O
RS232 line data output (to remote RS232 system)
RIN2
8
6
I
RS232 line data input (from remote RS232 system)
ROUT2
9
7
O
Logic data output (to UART)
DIN2
10
8
I
Logic data input (from UART)
DIN1
11
9
I
Logic data input (from UART)
ROUT1
12
10
O
Logic data output (to UART)
RIN1
13
11
I
RS232 line data input (from remote RS232 system)
DOUT1
14
12
O
RS232 line data output (to remote RS232 system)
GRD
15
13
-
Ground
VCC
16
14
-
Supply Voltage, Connect to external 3-V to 5.5-V power
supply
Thermal Pad
-
Thermal Pad
-
Exposed thermal pad. Can be connected to GND or left
floating.
(1)
Signal Types: I = Input, O = Output, I/O = Input or Output.
www.ti.com
TRSF3232E
SLLS825C – AUGUST 2007 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TRSF3232E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com