Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDQC5V0SC-HF Datasheet(PDF) 5 Page - Comchip Technology

Part # CPDQC5V0SC-HF
Description  Low Capacitance ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQC5V0SC-HF Datasheet(HTML) 5 Page - Comchip Technology

  CPDQC5V0SC-HF Datasheet HTML 1Page - Comchip Technology CPDQC5V0SC-HF Datasheet HTML 2Page - Comchip Technology CPDQC5V0SC-HF Datasheet HTML 3Page - Comchip Technology CPDQC5V0SC-HF Datasheet HTML 4Page - Comchip Technology CPDQC5V0SC-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Suggested PAD Layout
SIZE
(inch)
0.028
(mm)
0.70
0.40
0.60
0.016
0.024
0402C/SOD-923F
1.10
0.043
E
0.30
0.012
A
B
C
D
A
C
B
E
D
CPDQC5V0SC-HF(T)
Part Number
Marking Code
5SP
5 k
Code
10 k
T
NA
REEL (pcs)
Note: Suffix code after part number to specify packaging item.
Standard Packaging
10,000
Case Type
5,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
0402C/SOD-923F
Marking Code
5SP
Low Capacitance ESD Protection Diode
Page 5
QW-G7111
REV:C
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com