Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF02 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STCF02
Description  High power white led driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF02 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STCF02 Datasheet HTML 9Page - STMicroelectronics STCF02 Datasheet HTML 10Page - STMicroelectronics STCF02 Datasheet HTML 11Page - STMicroelectronics STCF02 Datasheet HTML 12Page - STMicroelectronics STCF02 Datasheet HTML 13Page - STMicroelectronics STCF02 Datasheet HTML 14Page - STMicroelectronics STCF02 Datasheet HTML 15Page - STMicroelectronics STCF02 Datasheet HTML 16Page - STMicroelectronics STCF02 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
STCF02
Detailed operating description
13/19
Figure 12. Middle Flash Current (as a percentage of flash current) vs RMF
6.5
Torch mode
To select this operating mode the Enable pins have to be connected to any one of the follow states:
EN1 = 0, EN2 = 1, EN3 = x
EN1 = 1, EN2 = 1, EN3 = 1.
The STCF02 can continuously provide a torch current adjustable between 25mA and 250mA. The torch
current adjustment is made by resistor RTORCH (Figure 2). The control loop uses the FB1 pin to sense the
voltage across RFLASH+RTORCH. The torch current is then programmed using the following equation:
ITORCH=160mV/(RFLASH+RTORCH).
If the programmed Flash current is 600mA (RFLASH = 0.27Ω) and a 250mA Torch current is needed, the
RTORCH resistance is equal to 0.37Ω.
During Torch operation mode the MOS Switch between FB1 and RTBY pins is opened.
The NTC divider for measuring LED temperature is active.
6.6
Shutdown mode
When the device is not used, two shutdown modes are available. They can be selected by the enable
pins:
EN1=0, EN2=0, EN3=X
With this combination the NTC divider for measuring of LED temperature is not active. The quiescent
current is less than 1µA.
EN=1, EN2=0, EN3=1
This combination of enable pins provides shutdown modes with an active NTC divider for sensing LED
temperature. This Mode is useful for measuring the temperature before starting both TORCH and FLASH
MODE operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com