Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDQC5V0UP-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDQC5V0UP-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQC5V0UP-HF Datasheet(HTML) 1 Page - Comchip Technology

  CPDQC5V0UP-HF Datasheet HTML 1Page - Comchip Technology CPDQC5V0UP-HF Datasheet HTML 2Page - Comchip Technology CPDQC5V0UP-HF Datasheet HTML 3Page - Comchip Technology CPDQC5V0UP-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDQC5V0UP-HF
RoHS Device
Page 1
QW-G7148
REV:A
Features
- Uni-directional ESD protection.
- Surface mount package.
- Ultra small SMD package:0402C.
- High component density.
Comchip Technology CO., LTD.
Halogen Free
SMD ESD Protection Diode
Company reserves the right to improve product design , functions and reliability without notice.
Maximum Rating (at TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Conditions
Peak pulse power
PPP
W
25
Operating temperature range
Tj
°C
Storage temperature range
TSTG
°C
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
ESD capability
-55 to +125
Peak pulse current
IPP
A
TP = 8/20µs
2
TP = 8/20µs
±20
ESD
-55 to +150
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Breakdown voltage
VBR
V
IB = 1mA
6
Reverse leakage current
IR
µA
VRWM = 5V
0.25
V
Working peak reverse voltage
VRWM
5
Clamping voltage
V
Junction capacitance
CJ
VR = 0V, f = 1MHz
10
IF = 10mA
12.5
VF
VC
IPP = 2A, TP = 8/20µs
1.2
±15
pF
VR = 3.3V, f = 1MHz
4.5
V
Forward voltage
8
High-Reliability and High-Performance
Circuit Diagram
Mechanical data
- Case: 0402C/SOD-923F standard package,
molded plastic.
- Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
- Mounting position: Any.
- Weight: 0.001 grams (approx.).
- Polarity: Indicated by cathode band.
Dimensions in inches and (millimeter)
0402C/SOD-923F
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.022(0.55)
0.018(0.45)
0.001(0.02)
Max.
0.022(0.55)
0.018(0.45)
0.026(0.65)
BSC.
0.012(0.30)
0.008(0.20)


Similar Part No. - CPDQC5V0UP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQC5V0U-HF COMCHIP-CPDQC5V0U-HF Datasheet
115Kb / 4P
SMD ESD Protection Diode
CPDQC5V0UESPC-HF COMCHIP-CPDQC5V0UESPC-HF Datasheet
470Kb / 4P
SMD ESD Protection Diode
REV:A
CPDQC5V0USC-HF COMCHIP-CPDQC5V0USC-HF Datasheet
476Kb / 4P
SMD ESD Protection Diode
REV:A
CPDQC5V0USP-HF COMCHIP-CPDQC5V0USP-HF Datasheet
116Kb / 4P
SMD Low Capacitance ESD Protection Diode
CPDQC5V0USP-IPHF COMCHIP-CPDQC5V0USP-IPHF Datasheet
106Kb / 4P
Low Capacitance ESD Protection Diode
More results

Similar Description - CPDQC5V0UP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com