Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH6010W Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH6010W
Description  Ultrafast recovery - high voltage diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH6010W Datasheet(HTML) 3 Page - STMicroelectronics

  STTH6010W Datasheet HTML 1Page - STMicroelectronics STTH6010W Datasheet HTML 2Page - STMicroelectronics STTH6010W Datasheet HTML 3Page - STMicroelectronics STTH6010W Datasheet HTML 4Page - STMicroelectronics STTH6010W Datasheet HTML 5Page - STMicroelectronics STTH6010W Datasheet HTML 6Page - STMicroelectronics STTH6010W Datasheet HTML 7Page - STMicroelectronics STTH6010W Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STTH6010
Characteristics
3/8
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = -50 A/µs,
VR = 30 V, Tj = 25° C
115
ns
IF = 1 A, dIF/dt = -100 A/µs,
VR = 30 V, Tj = 25° C
61
80
IF = 1 A, dIF/dt = -200 A/µs,
VR = 30 V, Tj = 25° C
49
65
IRM
Reverse recovery current
IF = 60 A, dIF/dt = -200 A/µs,
VR = 600 V, Tj = 125° C
31
40
A
S
Softness factor
IF = 60 A, dIF/dt = -200 A/µs,
VR = 600 V, Tj = 125° C
1
tfr
Forward recovery time
IF = 60 A
dIF/dt = 100 A/µs
VFR = 1.5 x VFmax, Tj = 25° C
750
ns
VFP
Forward recovery voltage
IF = 60 A, dIF/dt = 100 A/µs,
Tj = 25° C
4V
Figure 1.
Conduction losses versus
average current
Figure 2.
Forward voltage drop versus
forward current
P(W)
0
20
40
60
80
100
120
140
0
10203040
50607080
=0.05
=0.1
=0.2
=0.5
=1
T
I(A)
F(AV)
I
(A)
FM
0
20
40
60
80
100
120
140
160
180
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T
j=25°C
(Maximum values)
T
j=150°C
(Maximum values)
T
j=150°C
(Typical values)
V(V)
FM
Figure 3.
Relative variation of thermal
impedance junction to case
versus pulse duration
Figure 4.
Peak reverse recovery current
versus dIF/dt (typical values)
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
t (s)
p
I
(A)
RM
0
10
20
30
40
50
60
70
0
50
100
150
200
250
300
350
400
450
500
V
R=600V
T
j=125°C
I
F= 2 x IF(AV)
I
F= IF(AV)
I
F=0.5 x IF(AV)
dI /dt(A/µs)
F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com