Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000A Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 64 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 60Page - Texas Instruments XIO2000A Datasheet HTML 61Page - Texas Instruments XIO2000A Datasheet HTML 62Page - Texas Instruments XIO2000A Datasheet HTML 63Page - Texas Instruments XIO2000A Datasheet HTML 64Page - Texas Instruments XIO2000A Datasheet HTML 65Page - Texas Instruments XIO2000A Datasheet HTML 66Page - Texas Instruments XIO2000A Datasheet HTML 67Page - Texas Instruments XIO2000A Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 155 page
background image
Classic PCI Configuration Space
54
April 2007
SCPS155B
4.18 Memory Base Register
This read/write register specifies the lower limit of the memory addresses that the bridge forwards
downstream. See Table 4−9 for a complete description of the register contents.
PCI register offset:
20h
Register type:
Read-only, Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−9. Memory Base Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:4
MEMBASE
RW
Memory base. Defines the lowest address of the memory address range that determines when to
forward memory transactions from one interface to the other. These bits correspond to address bits
[31:20] in the memory address. The lower 20 bits are assumed to be 00000h.
3:0
RSVD
R
Reserved. Returns 0h when read.
4.19 Memory Limit Register
This read/write register specifies the upper limit of the memory addresses that the bridge forwards
downstream. See Table 4−10 for a complete description of the register contents.
PCI register offset:
22h
Register type:
Read-only, Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4−10. Memory Limit Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:4
MEMLIMIT
RW
Memory limit. Defines the highest address of the memory address range that determines when to
forward memory transactions from one interface to the other. These bits correspond to address bits
[31:20] in the memory address. The lower 20 bits are assumed to be FFFFFh.
3:0
RSVD
R
Reserved. Returns 0h when read.
4.20 Prefetchable Memory Base Register
This read/write register specifies the lower limit of the prefetchable memory addresses that the bridge forwards
downstream. See Table 4−11 for a complete description of the register contents.
PCI register offset:
24h
Register type:
Read-only, Read/Write
Default value:
0001h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
Table 4−11. Prefetchable Memory Base Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:4
PREBASE
RW
Prefetchable memory base. Defines the lowest address of the prefetchable memory address range
that determines when to forward memory transactions from one interface to the other. These bits
correspond to address bits [31:20] in the memory address. The lower 20 bits are assumed to be
00000h. The prefetchable base upper 32 bits register (offset 28h, see Section 4.22) specifies
bits [63:32] of the 64-bit prefetchable memory address.
3:0
64BIT
R
64-bit memory indicator. These read-only bits indicate that 64-bit addressing is supported for this
memory window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com