Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS1084CT Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS1084CT
Description  5A LOW DROPOUT VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1084CT Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS1084CT Datasheet HTML 1Page - Advanced Monolithic Systems AMS1084CT Datasheet HTML 2Page - Advanced Monolithic Systems AMS1084CT Datasheet HTML 3Page - Advanced Monolithic Systems AMS1084CT Datasheet HTML 4Page - Advanced Monolithic Systems AMS1084CT Datasheet HTML 5Page - Advanced Monolithic Systems AMS1084CT Datasheet HTML 6Page - Advanced Monolithic Systems AMS1084CT Datasheet HTML 7Page - Advanced Monolithic Systems AMS1084CT Datasheet HTML 8Page - Advanced Monolithic Systems AMS1084CT Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1084
ABSOLUTE MAXIMUM RATINGS (Note 1)
Power Dissipation
Internally limited
Soldering information
Input Voltage
15V
Lead Temperature (25 sec)
265
°C
Operating Junction Temperature
Thermal Resistance
Control Section
0
°C to 125°C
TO-220 package
ϕ
JA= 50°C/W
Power Transistor
0
°C to 150°C
TO-263 package
ϕ
JA= 30°C/W *
Storage temperature
- 65
°C to +150°C
TO-252 package
ϕ
JA= 100°C/W
* With package soldering to 0.5in
2 copper area over backside
ground plane or internal power plane
ϕ
JA can vary from
20
°C/W to >40°C/W depending on mounting technique.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT = 0 mA, and TJ = +25°C unless otherwise specified.
Parameter
Device
Conditions
Min
Typ
Max
Units
Reference Voltage
(Note 2)
AMS1084
IOUT = 10 mA
10mA
≤ I
OUT ≤ 5A, 1.5V≤ (VIN - VOUT) ≤ 12V
1.238
1.225
1.250
1.250
1.262
1.270
V
V
Output Voltage
(Note 2)
AMS1084-1.5
0
≤ I
OUT ≤ 5A , 3V ≤ VIN ≤ 12V
1.485
1.470
1.500
1.500
1.515
1.530
V
V
AMS1084-2.5
0
≤ I
OUT ≤ 5A , 4V ≤ VIN ≤ 12V
2.475
2.450
2.500
2.500
2.525
2.550
V
V
AMS1084-2.85
0
≤ I
OUT ≤ 5A , 4.35V≤ VIN ≤ 12V
2.82
2.79
2.850
2.850
2.88
2.91
V
V
AMS1084-3.0
0
≤ I
OUT ≤ 5A , 4.5V ≤ VIN ≤ 12V
2.970
2.940
3.000
3.000
3.300
3.360
V
V
AMS1084-3.3
0
≤ I
OUT ≤ 5A , 4.75V ≤ VIN ≤ 12V
3.267
3.235
3.300
3.300
3.333
3.365
V
V
AMS1084-3.5
0
≤ I
OUT ≤ 5A, 5V ≤ VIN ≤ 12V
3.465
3.430
3.500
3.500
3.535
3.570
V
V
AMS1084-5.0
0
≤ I
OUT ≤ 5A , 6.5V ≤ VIN ≤ 12V
4.950
4.900
5.000
5.000
5.050
5.100
V
V
Line Regulation
AMS1084/-1.5/-2.5/-
2.85/ -3.0/-3.3/-3.5/-5.0
ILOAD = 10 mA , 1.5V≤ (VIN - VOUT) ≤ 12V
0.3
0.6
6
10
mV
mV
Load Regulation
(Notes 2, 3)
AMS1084
(VIN - VOUT) =3V, 10mA ≤ IOUT ≤ 5A
0.1
0.2
0.3
0.4
%
%
AMS1084-1.5
VIN = 5V, 0 ≤ IOUT ≤ 5A
3
6
12
20
mV
mV
AMS1084-2.5
VIN = 5V, 0 ≤ IOUT ≤ 5A
3
6
12
20
mV
mV
AMS1084-2.85
VIN = 5V, 0 ≤ IOUT ≤ 5A
3
6
12
20
mV
mV
AMS1084-3.0
VIN = 5V, 0 ≤ IOUT ≤ 5A
3
6
12
20
mV
mV
AMS1084-3.3
VIN = 5V, 0 ≤ IOUT ≤ 5A
3
7
15
25
mV
mV
AMS1084-3.5
VIN = 5.25V, 0 ≤ IOUT ≤ 5A
3
6
15
25
mV
mV
AMS1084-5.0
VIN = 8V, 0 ≤ IOUT ≤ 5A
5
10
20
35
mV
mV
Dropout Voltage
(VIN - VOUT)
AMS1084/-1.5/-2.5/-
2.85/ -3.0/-3.3/-3.5/-5.0
∆V
OUT , ∆VREF = 1%, IOUT = 5 A (Note 4)
1.3
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com