Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS1501CD Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS1501CD
Description  1.5A LOW DROPOUT VOLTAGE REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1501CD Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS1501CD Datasheet HTML 1Page - Advanced Monolithic Systems AMS1501CD Datasheet HTML 2Page - Advanced Monolithic Systems AMS1501CD Datasheet HTML 3Page - Advanced Monolithic Systems AMS1501CD Datasheet HTML 4Page - Advanced Monolithic Systems AMS1501CD Datasheet HTML 5Page - Advanced Monolithic Systems AMS1501CD Datasheet HTML 6Page - Advanced Monolithic Systems AMS1501CD Datasheet HTML 7Page - Advanced Monolithic Systems AMS1501CD Datasheet HTML 8Page - Advanced Monolithic Systems AMS1501CD Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS1501
Monolithic
1.5A LOW DROPOUT VOLTAGE REGULATORS
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Adjustable or Fixed Output
• High Current Regulators
1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V
• Post Regulators for Switching Supplies
• Output Current of 1.5A
• Adjustable Power Supply
• Low Dropout, 500mV at 1.5A Output Current
• Notebook/Personal Computer Supplies
• Fast Transient Response
• Remote Sense
GENERAL DESCRIPTION
The AMS1501 series of adjustable and fixed low dropout voltage regulators are designed to provide 1.5A output current to
power the new generation of microprocessors. The dropout voltage of the device is 100mV at light loads and rising to 500mV
at maximum output current. A second low current input voltage 1V or greater then the output voltage is required to achieve
this dropout. The AMS1501 can also be used as a single supply device.
New features have been added to the AMS1501: a remote Sense pin is brought out virtually eliminating output voltage
variations due to load changes. The typical load regulation, measured at the Sense pin, for a load current step of 100mA to
1.5A is less than 1mV.
The AMS1501 series has fast transient response. The Adjust pin is brought out on fixed devices. To further improve the
transient response the addition of a small capacitor on the Adjust pin is recommended.
The AMS1501 series are ideal for generating power supplies of 2V to 3V where both 5V and 3.3V supplies are available.
The AMS1501 devices are offered in in 5 lead TO-220, 5L TO-263 (plastic DD) and 5L TO-252 (DPAK) packages.
ORDERING INFORMATION:
PIN CONNECTIONS
PACKAGE TYPE
OPERATING JUNCTION
5 LEAD TO-263
5 LEAD TO-220
5 LEAD TO-252 TEMPERATURE RANGE
AMS1501CM
AMS1501CT
AMS1501CD
0 to 125
° C
AMS1501CM-1.5
AMS1501CT-1.5
AMS1501CD-1.5
0 to 125
° C
AMS1501CM-2.5
AMS1501CT-2.5
AMS1501CD-2.5
0 to 125
° C
AMS1501CM-2.85 AMS1501CT-2.85 AMS1501CD-2.85
0 to 125
° C
AMS1501CM-3.0
AMS1501CT-3.0
AMS1501CD-3.0
0 to 125
° C
AMS1501CM-3.3
AMS1501CT-3.3
AMS1501CD-3.3
0 to 125
° C
AMS1501CM-3.5
AMS1501CT-3.5
AMS1501CD-3.5
0 to 125
° C
AMS1501CM-5.0
AMS1501CT-5.0
AMS1501CD-5.0
0 to 125
° C
5
4
3
2
1
V
POWER
V
CONTROL
OUTPUT
ADJUST/GND
SENSE
FRONT VIEW
5 LEAD TO-220
5
4
3
2
1
Vpower
Vcontrol
OUTPUT
ADJUST/GND
SENSE
FRONT VIEW
5 LEAD TO-252
5
4
3
2
1
Vpower
Vcontrol
OUTPUT
ADJUST/GND
SENSE
FRONT VIEW
5 LEAD TO-263


Similar Part No. - AMS1501CD

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1501CM ADMOS-AMS1501CM Datasheet
76Kb / 9P
1.5A LOW DROPOUT VOLTAGE REGULATORS
AMS1501CM-15 ADMOS-AMS1501CM-15 Datasheet
76Kb / 9P
1.5A LOW DROPOUT VOLTAGE REGULATORS
AMS1501CM-25 ADMOS-AMS1501CM-25 Datasheet
76Kb / 9P
1.5A LOW DROPOUT VOLTAGE REGULATORS
AMS1501CM-285 ADMOS-AMS1501CM-285 Datasheet
76Kb / 9P
1.5A LOW DROPOUT VOLTAGE REGULATORS
AMS1501CM-30 ADMOS-AMS1501CM-30 Datasheet
76Kb / 9P
1.5A LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - AMS1501CD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
1.5A Low Dropout Positive Regulators
logo
Advanced Monolithic Sys...
AMS1501 ADMOS-AMS1501 Datasheet
76Kb / 9P
1.5A LOW DROPOUT VOLTAGE REGULATORS
logo
Unisonic Technologies
L1119 UTC-L1119 Datasheet
165Kb / 7P
1.5A LOW DROPOUT REGULATORS
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
1.5A Low Dropout Positive Regulators
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150_1 Datasheet
215Kb / 19P
1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Unisonic Technologies
L1119 UTC-L1119_10 Datasheet
170Kb / 5P
1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
1.5A LOW DROPOUT REGULATORS
logo
Texas Instruments
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
1.5A/0.5A Low Dropout Positive Regulators
logo
Texas Instruments
TPS75101-EP TI1-TPS75101-EP Datasheet
1Mb / 33P
FAMST-TRANSIENT-RESPONSE 1.5A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com