Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2688STR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC2688STR
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2688STR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC2688STR Datasheet HTML 4Page - Semtech Corporation SC2688STR Datasheet HTML 5Page - Semtech Corporation SC2688STR Datasheet HTML 6Page - Semtech Corporation SC2688STR Datasheet HTML 7Page - Semtech Corporation SC2688STR Datasheet HTML 8Page - Semtech Corporation SC2688STR Datasheet HTML 9Page - Semtech Corporation SC2688STR Datasheet HTML 10Page - Semtech Corporation SC2688STR Datasheet HTML 11Page - Semtech Corporation SC2688STR Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2688
PIN Descriptions
Typical Characteristics
Typical Efficiency (Switching section)
Typical Ripple, Vo=2.0V, Io=10A
2.5V Linear Short circuit output response
Transient Response Vo=2.4V, Io=300mA to 15A
76%
80%
84%
88%
92%
96%
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
Io (Amps)
Vo=2.8V
Vo=2.0V
Vo=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com