Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS1009AS Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS1009AS
Description  VOLTAGE REFERENCE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1009AS Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS1009AS Datasheet HTML 1Page - Advanced Monolithic Systems AMS1009AS Datasheet HTML 2Page - Advanced Monolithic Systems AMS1009AS Datasheet HTML 3Page - Advanced Monolithic Systems AMS1009AS Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1009
ABSOLUTE MAXIMUM RATINGS (Note 1)
Reverse Current
20mA
Soldering information (25 sec.)
265
°C
Forward Current
10mA
Operating Temperature Range
0
°C to 70°C
Storage temperature
-55
°C to +150°C
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IR = 1 mA, and TA = +25°C unless otherwise specified.
Parameter
Conditions
AMS1009A
Min
Typ
Max
AMS1009B
Min
Typ
Max
Units
Reverse Breakdown Voltage
2.495
2.500
2.505
2.490
2.500
2.510
V
Reverse Dynamic Impedance
0.2
0.4
0.6
1.4
0.2
0.4
1.0
1.4
Reverse Breakdown Voltage
Change with current
400
µA ≤I
R ≤10mA
2.6
3
10
12
2.6
3
10
12
mV
Temperature Stability
Average Temperature Coeff.
TMIN ≤ TA ≤ TMAX
0
°C ≤ T
A ≤ 70°C
1.8
15
4
25
1.8
15
4
25
mV
ppm/°C
Long Term Stability (Note 4)
TA=25°C±.1°C
T = 1000 Hr
20
20
ppm
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the
device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical
Characteristics
. The guaranteed specifications apply only for the test conditions listed.
Note 2: For elevated temperature operation, Tj max is +125°C
Thermal Resistance
TO-92
SO-8
ϕ
JA (junction to ambient)
170°C/W (0.125” leads)
165°C/W
Note 3: Parameters identified with boldface type apply at temperature extremes. All other numbers apply at TA = TJ = 25°C.
Note 4: The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured temperatures between the operating
TMAX and TMIN, divided by TMAX - TMIN. The measured temperatures are 0°C, 25°C and 70°C.
TYPICAL PERFORMANCE CHARACTERISTICS
0.5
1.0
1.4
1.8
2.2
10-5
10-1
2.6
REVERSE VOLTAGE (V)
10-4
Reverse Characteristics
T
J =70° C
T
J = 0° C
T
J =25° C
0
4
8
12
16
0
4
2
Reverse Voltage Change
20
REVERSE CURRENT (mA)
1
5
3
10-2
10-3
0
10
0
1.0
2.5
0
120
TIME (
µs)
Response Time
2.0
~
~
5k
OUTPUT
INPUT
OUTPUT
INPUT
~
~
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com