Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR30AM Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # BCR30AM
Description  Triac 30 Ampere/400-600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR30AM Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  BCR30AM Datasheet HTML 1Page - Powerex Power Semiconductors BCR30AM Datasheet HTML 2Page - Powerex Power Semiconductors BCR30AM Datasheet HTML 3Page - Powerex Power Semiconductors BCR30AM Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions
Inches
Millimeters
A
0.79
20.0
B
0.77
19.5
C
0.63
15.9
D
0.20
5.0
E
0.16
4.0
F
0.08
2.0
G
0.13 Dia.
3.2 Dia.
H
0.08
2.0
Dimensions
Inches
Millimeters
J
0.04
1.0
K
0.21
5.45
L
0.18
4.5
M
0.06
1.5
N
0.02
0.6
P
0.17
4.4
Q
0.11
2.8
R
0.16
4.0
Description:
A triac is a solid state silicon
AC switch which may be gate
triggered from an off-state to an
on-state for either polarity of
applied voltage.
Features:
□ Planar Passivation
□ Selected for Inductive Loads
Applications:
□ Contactless AC Switches
□ Microwave Ovens
□ Motor Controls
□ Lighting Controls
Ordering Information:
Example: Select the complete
eight, nine or ten digit part number
you desire from the table - i.e.
BCR30AM-8 is a 400 Volt, 30
Ampere Triac.
VDRM
Inductive
Type
Volts
Code
Load*
BCR30AM
400
-8
L
600
-12
*For inductive load, add L.
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
Triac
30 Ampere/400-600 Volts
BCR30AM
Outline Drawing (Conforms to TO-3P)
T-87
C
G
A
M
L
P
Q
K
K
J
R
N
H
B
D
E
F
Œ Ž

OUTLINE DRAWING
Œ
Ž

Œ T1 TERMINAL
 T2 TERMINAL
Ž GATE
 T2 TERMINAL
CONNECTION DIAGRAM


Similar Part No. - BCR30AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR30AM MITSUBISHI-BCR30AM Datasheet
88Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR30AM-12LA RENESAS-BCR30AM-12LA Datasheet
107Kb / 7P
Triac Medium Power Use
BCR30AM-12LA-A8 RENESAS-BCR30AM-12LA-A8 Datasheet
107Kb / 7P
Triac Medium Power Use
BCR30AM-12LB RENESAS-BCR30AM-12LB Datasheet
118Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
logo
Inchange Semiconductor ...
BCR30AM-12LB ISC-BCR30AM-12LB Datasheet
172Kb / 1P
isc Thyristors
More results

Similar Description - BCR30AM

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR10CM POWEREX-BCR10CM Datasheet
80Kb / 6P
Triac 10 Amperes/400-600 Volts
BCR12CM POWEREX-BCR12CM Datasheet
80Kb / 6P
Triac 12 Amperes/400-600 Volts
BCR16CM POWEREX-BCR16CM Datasheet
81Kb / 6P
Triac 16 Amperes/400-600 Volts
BCR1AM POWEREX-BCR1AM Datasheet
70Kb / 4P
Lead-Mount Triac 1 Ampere/400-600 Volts
BCR20AM POWEREX-BCR20AM Datasheet
72Kb / 4P
Triac 20 Ampere/400-600 Volts
BCR3AM POWEREX-BCR3AM Datasheet
70Kb / 4P
Triac 3 Amperes/400-600 Volts
BCR5AM POWEREX-BCR5AM Datasheet
80Kb / 6P
Triac 5 Amperes/400-600 Volts
BCR6AM POWEREX-BCR6AM Datasheet
79Kb / 6P
Triac 6 Amperes/400-600 Volts
BCR8CM POWEREX-BCR8CM Datasheet
79Kb / 6P
Triac 8 Amperes/400-600 Volts
BCR8PM POWEREX-BCR8PM Datasheet
83Kb / 6P
Triac 8 Amperes/400-600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com