Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1486AITSTRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1486AITSTRT
Description  Complete DDR1/2/3 Power Supply Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486AITSTRT Datasheet(HTML) 2 Page - Semtech Corporation

  SC1486AITSTRT Datasheet HTML 1Page - Semtech Corporation SC1486AITSTRT Datasheet HTML 2Page - Semtech Corporation SC1486AITSTRT Datasheet HTML 3Page - Semtech Corporation SC1486AITSTRT Datasheet HTML 4Page - Semtech Corporation SC1486AITSTRT Datasheet HTML 5Page - Semtech Corporation SC1486AITSTRT Datasheet HTML 6Page - Semtech Corporation SC1486AITSTRT Datasheet HTML 7Page - Semtech Corporation SC1486AITSTRT Datasheet HTML 8Page - Semtech Corporation SC1486AITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
 2006 Semtech Corp.
www.semtech.com
SC1486A
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
Test Conditions: V
BAT = 15V, EN/PSV1 = 5V, REFIN=1.25V, VCCA1 = VDDP1 = VCCA2 =VDDP2= 5.0V, VVDDQ = 2.5, VVTT = 1.25, RTON1 = 1M, RTON2 = 1M
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CC
°
5
2C
°
5
2
1
o
t
C
°
0
4
-s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
s
e
il
p
p
u
S
t
u
p
n
I
2
A
C
C
V
,
1
A
C
C
V
0
.
55
.
45
.
5V
2
P
D
D
V
,
1
P
D
D
V
0
.
55
.
45
.
5V
d
l
o
h
s
e
r
h
T
e
g
a
tl
o
v
r
e
d
n
U
2
P
D
D
Vg
n
il
l
a
f
2
P
D
D
V5
.
3V
s
i
s
e
r
e
t
s
y
H
e
g
a
tl
o
v
r
e
d
n
U
2
P
D
D
V
0
5
2V
m
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
2
P
D
D
V
,
1
P
D
D
VI
,t
n
i
o
p
n
o
it
a
l
u
g
e
r
>
B
F
D
A
O
L
A
0
=0
70
5
1A
µ
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
2
A
C
C
V
,
1
A
C
C
VI
,t
n
i
o
p
n
o
it
a
l
u
g
e
r
>
B
F
D
A
O
L
A
0
=0
0
70
0
1
1A
µ
t
n
e
r
r
u
C
y
b
d
n
a
t
S
2
A
C
C
VV
U
2
P
D
D
V
<
2
P
D
D
V
T
U
O
F
E
R
n
o
d
a
o
l
o
n
,
d
l
o
h
s
e
r
h
t
5
2
1A
µ
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
2
N
O
T
,
1
N
O
TR
N
O
T
M
1
=5
1A
µ
t
n
e
r
r
u
C
s
a
i
B
N
I
F
E
R5
2
.
1
=
N
I
F
E
R1
A
µ
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied.
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
2
A
S
S
V
o
t
2
N
O
T
,
1
A
S
S
V
o
t
1
N
O
T
0
.
5
2
+
o
t
3
.
0
-V
2
D
N
G
P
o
t
2
T
S
B
,
2
H
D
d
n
a
1
D
N
G
P
o
t
1
T
S
B
,
1
H
D
0
.
0
3
+
o
t
3
.
0
-V
2
D
N
G
P
o
t
2
X
L
d
n
a
1
D
N
G
P
o
t
1
X
L
0
.
5
2
+
o
t
0
.
2
-V
2
D
N
G
P
o
t
2
A
S
S
V
d
n
a
,
1
D
N
G
P
o
t
1
A
S
S
V
3
.
0
+
o
t
3
.
0
-V
2
X
L
o
t
2
T
S
B
d
n
a
1
X
L
o
t
1
T
S
B
0
.
6
+
o
t
3
.
0
-V
2
D
N
G
P
o
t
2
P
D
D
V
,
2
M
I
L
I
,
2
L
D
d
n
a
1
D
N
G
P
o
t
1
P
D
D
V
,
1
M
I
L
I
,
1
L
D
0
.
6
+
o
t
3
.
0
-V
1
A
S
S
V
o
t
1
T
U
O
V
,
1
A
C
C
V
,
1
D
O
O
G
P
,
1
B
F
,
1
V
S
P
/
N
E
0
.
6
+
o
t
3
.
0
-V
2
A
S
S
V
o
t
T
U
O
F
E
R
,
N
I
F
E
R
,
2
A
C
C
V
,
2
D
O
O
G
P
,
2
B
F
0
.
6
+
o
t
3
.
0
-V
1
T
U
O
V
,
1
D
O
O
G
P
,
1
B
F
,
1
V
S
P
/
N
E
o
t
1
A
C
C
V
0
.
6
+
o
t
3
.
0
-V
T
U
O
F
E
R
,
N
I
F
E
R
,
2
D
O
O
G
P
,
2
B
F
o
t
2
A
C
C
V
0
.
6
+
o
t
3
.
0
-V
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
5
(
θ
A
J
0
7W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
T
J
5
2
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
L
T
D
A
E
L
0
0
3C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com