Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1486AEVB Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC1486AEVB
Description  Complete DDR1/2/3 Power Supply Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486AEVB Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC1486AEVB Datasheet HTML 19Page - Semtech Corporation SC1486AEVB Datasheet HTML 20Page - Semtech Corporation SC1486AEVB Datasheet HTML 21Page - Semtech Corporation SC1486AEVB Datasheet HTML 22Page - Semtech Corporation SC1486AEVB Datasheet HTML 23Page - Semtech Corporation SC1486AEVB Datasheet HTML 24Page - Semtech Corporation SC1486AEVB Datasheet HTML 25Page - Semtech Corporation SC1486AEVB Datasheet HTML 26Page - Semtech Corporation SC1486AEVB Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
23
 2006 Semtech Corp.
www.semtech.com
SC1486A
POWER MANAGEMENT
Typical Characteristics
VDDQ Efficiency (Power Save Mode)
vs. Output Current vs. Input Voltage
VDDQ Output Voltage (Power Save Mode)
vs. Output Current vs. Input Voltage
VDDQ Efficiency (Continuous Conduction Mode)
vs. Output Current vs. Input Voltage
VDDQ Output Voltage (Continuous Conduction Mode)
vs. Output Current vs. Input Voltage
VTT Efficiency vs.
Output Current vs. Input Voltage
VTT Output Voltage vs.
Output Current vs. Input Voltage
50
55
60
65
70
75
80
85
90
95
100
0
1
2
345
67
89
10
IOUT (A)
VBAT = 20V
VBAT = 8V
1.780
1.784
1.788
1.792
1.796
1.800
1.804
1.808
1.812
1.816
1.820
01
23456789
10
IOUT (A)
VBAT = 20V
VBAT = 8V
50
55
60
65
70
75
80
85
90
95
100
0
1
2
345
67
89
10
IOUT (A)
VBAT = 20V
VBAT = 8V
1.780
1.784
1.788
1.792
1.796
1.800
1.804
1.808
1.812
1.816
1.820
01
23456789
10
IOUT (A)
VBAT = 20V
VBAT = 8V
50
55
60
65
70
75
80
85
90
95
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IOUT (A)
VBAT = 20V
VBAT = 8V
0.890
0.892
0.894
0.896
0.898
0.900
0.902
0.904
0.906
0.908
0.910
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IOUT (A)
VBAT = 20V
VBAT = 8V
REFIN = 0.9V
Please refer to Figure 4 on Page 17 for test schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com