Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2672 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2672
Description  Dual Synchronous Voltage Mode Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2672 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2672 Datasheet HTML 1Page - Semtech Corporation SC2672 Datasheet HTML 2Page - Semtech Corporation SC2672 Datasheet HTML 3Page - Semtech Corporation SC2672 Datasheet HTML 4Page - Semtech Corporation SC2672 Datasheet HTML 5Page - Semtech Corporation SC2672 Datasheet HTML 6Page - Semtech Corporation SC2672 Datasheet HTML 7Page - Semtech Corporation SC2672 Datasheet HTML 8Page - Semtech Corporation SC2672 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
 2004 Semtech Corp.
www.semtech.com
SC2672
POWER MANAGEMENT
Electrical Characteristics (Cont.)
R
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
CN
I
MP
Y
TX
A
MS
T
I
N
U
t
n
e
r
r
u
C
k
n
i
S
L
DV
5
.
2
=
G
N
G
P
-
L
D7
.
1A
t
n
e
r
r
u
C
k
n
i
S
L
DV
5
7
.
1
=
D
N
G
P
-
L
D5
8
.A
t
n
e
r
r
u
C
e
c
r
u
o
S
L
DV
3
=
L
D
-
L
T
S
B7
.
1A
t
n
e
r
r
u
C
e
c
r
u
o
S
L
DV
5
.
2
=
L
D
-
L
T
S
B5
8
.A
e
m
i
T
d
a
e
D
0
3
0
5s
n
t
n
e
r
r
u
C
e
g
r
a
h
C
t
r
a
t
S
tf
o
S
)
2
(
5
2A
µ
e
l
b
a
n
E
t
r
a
t
S
tf
o
Se
l
c
y
c
y
t
u
d
%
06
.
1V
d
n
E
t
r
a
t
S
tf
o
Se
l
c
y
c
y
t
u
d
%
0
0
13
.
2V
n
o
it
i
s
n
a
r
T
t
r
a
t
S
tf
o
S
)
2
(
e
d
o
m
s
u
o
n
o
r
h
c
n
y
S3
.
3V
t
u
o
k
c
o
L
e
g
a
tl
o
v
r
e
d
n
U
t
u
p
t
u
Os
l
e
n
n
a
h
c
h
t
o
B%
6
6V
T
U
O
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I2
N
I
-
,
1
N
I
-
1
A
µ
NOTES:
(1) Specification refers to application circuit.
(2) The soft start pin sources 25µA to an external capacitor. The converter operates in synchronous mode
above the soft start transition threshold and in asynchronous mode below it.
(3) Power good is an open collector pulled low when the output voltage is under 75%.
Marking Information
TOP
TOP
TOP
TOP
TOP
yyww = Datecode (Example: 9908)
xxxx = Semtech Lot # (Example: 90101)
(SOIC-16)
Unless Specified: V
CC = 5 ± 0.25V, VBST = 12 ± 0.6V, GND = PGND = 0V, FB = VO, 0mV < (CS(+) - (CS(-)) < 60mV , TJ = 25°C.
Values in bold indicate -40°C
≤ T
J ≤ +125°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com