Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02310HH02TXCK Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 02310HH02TXCK
Description  310, 315 All-Welded “Mini” Diaphragm Seal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

02310HH02TXCK Datasheet(HTML) 2 Page - Ashcroft, Inc.

  02310HH02TXCK Datasheet HTML 1Page - Ashcroft, Inc. 02310HH02TXCK Datasheet HTML 2Page - Ashcroft, Inc. 02310HH02TXCK Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Allspecifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2021 Ashcroft Inc. 310-315_seal_ds_RevD_07-15-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
Data Sheet
310, 315 All-Welded “Mini” Diaphragm Seal
of 3
2
Filling Fluid Table
Fill
Service
Connection to Instrument
Temperature Range °F
Code
Glycerin
Pressure
Direct Only
0/400
CG
Silicone
Pressure/Vacuum
Direct or Flexible Line
–40/500
CK
Halocarbon®
Pressure/Vacuum in presence
Direct or Flexible Line
–70/300
CF
of strong oxidizing agent
Syltherm®
Pressure
Direct or Flexible Line
–40/750
HA
ORDERING CODE
Example:
01
310
S
S
01T
XCK
NH
Process Connection Size
01 - 1⁄8 NPT Male, (available with 310 only)
01
02 - ¼ NPT Male, (available with 310 only)
04 - 1/2 NPT Male, (available with 310 only)
06 - 3/4 NPT Male, (available with 310 only)
08 - 1 NPT Male, (available with 310 only)
25 - ¼ NPT Female
50 - 1/2 NPT Female
Seal Type
310 - All-welded Mini seal no flushing port
310
315 - All-welded Mini seal with flushing port connection
Diaphragm Material
S - 316L SS
S
H - Hastelloy® C-276
U - Tantalum
P - Monel® (Must be ordered with Monel® bottom housing)
Bottom Housing Material
S - 316L SS
S
H - Hastelloy® C-276
M - Monel®
G - Hastelloy® B-2
Instrument Connection Size
01T - 1⁄8 NPT Female
01T
02T - ¼ NPT Female
Options (if choosing an option(s) must include an “X”)
X_
_
Filling Fluid
CG - Glycerin
CK - Silicon 50cST
CK
CF - Halocarbon®
See Filling Fluid Table Below
Optional Features
PU - Pipe Plug for flushing connection (Must match bottom housing material; 315 seal only)
NH - SS instrument tag
NH
NN - Paper instrument tag
DU - Instrument welded to seal
MQ - Positive material identification
W1 - Dye penetrant testing
6B - Cleaned for oxygen service
When selecting an instrument, refer to the Min/Max Guide for compatibility with this diaphragm seal or scan the QR code to the right.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com