Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS431LAM Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS431LAM
Description  1.2V SHUNT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS431LAM Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS431LAM Datasheet HTML 1Page - Advanced Monolithic Systems AMS431LAM Datasheet HTML 2Page - Advanced Monolithic Systems AMS431LAM Datasheet HTML 3Page - Advanced Monolithic Systems AMS431LAM Datasheet HTML 4Page - Advanced Monolithic Systems AMS431LAM Datasheet HTML 5Page - Advanced Monolithic Systems AMS431LAM Datasheet HTML 6Page - Advanced Monolithic Systems AMS431LAM Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS431L
ABSOLUTE MAXIMUM RATINGS (Note 1)
Cathode Voltage (VZ)
20V
Internal Power Dissipation (PD)
Continuous Cathode Current (IZ)
100mA
TO-92 Package
0.78W
Reference Input Current (IREF)
3mA
SOT-89 Package
0.91W
Junction Temperature (TJ)
-40
°C to +125°C
SOT-23-3 Package
0.28W
SOT-23-5 Package
0.3 W
Storage temperature
-65
°C to +150°C
Thermal Resistance (
θ
JA)
Lead Temperature (Soldering, 25sec.)
265
°C
TO-92 Package
160
°C/W
SOT-89 Package
110
°C/W
SOT-23-3 Package
410
°C/W
SOT-23-5 Package
410
°C/W
Note 1 : Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the
device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical
Characteristics
. The guaranteed specifications apply only for the test conditions listed.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IZ =10 mA and TA = +25°C unless otherwise noted.
Parameter
Conditions
AMS431LA
Min
Typ
Max
AMS431LB
Min
Typ
Max
AMS431LC
Min
Typ
Max
Units
Reference Voltage
1.234
1.240
1.246
1.228
1.240
1.252
1.215
1.240
1.265
V
Deviation of Reference
Input Voltage over
Temperature
VZ = VREF (circuit 1)
TA = -40°C to +85°C
10
25
10
25
10
35
mV
Ratio of Change in
Reference Voltage to
Cathode Voltage
IZ = 10mA
∆V = from V
REF
-0.5
-2.7
-0.5
-2.7
-0.5
-2.7
mV/V
Reference Input
Current
R1 =10k
Ω, R2 = ∞Ω
(test circuit 2)
0.15
0.5
0.15
0.5
0.15
0.5
µA
Reference Input
Current Deviation over
Temperature
R1 =10k
Ω, R2 = ∞Ω
TA = Full Range
(test circuit 2)
0.1
0.4
0.1
0.4
0.1
0.4
µA
Off State Cathode
Current
VZ = 6V, VREF = 0V
( test circuit 3)
0.04
0.1
0.04
0.1
0.04
0.1
µA
Dynamic Output
Impedance
f < 1KHz, VZ = VREF
IZ =100µA to 100mA
(test circuit 1)
0.25
0.4
0.25
0.4
0.25
0.4
Minimum Operating
Current
VZ = VREF
(test circuit 1)
60
80
60
80
60
80
µA
RECOMMENDED OPERATING CONDITIONS:
Min
Max
Cathode Voltage, (VZ)
VREF
20 V
Cathode Current, (IZ)
80
µA
100mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com