Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS47M Datasheet(PDF) 1 Page - SYC Electronica

Part # DM74LS47M
Description  BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

DM74LS47M Datasheet(HTML) 1 Page - SYC Electronica

  DM74LS47M Datasheet HTML 1Page - SYC Electronica DM74LS47M Datasheet HTML 2Page - SYC Electronica DM74LS47M Datasheet HTML 3Page - SYC Electronica DM74LS47M Datasheet HTML 4Page - SYC Electronica DM74LS47M Datasheet HTML 5Page - SYC Electronica DM74LS47M Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74LS47
BCD to 7-Segment Decoder/Driver with
Open-Collector Outputs
General Description
The DM74LS47 accepts four lines of BCD (8421) input
data, generates their complements internally and decodes
the data with seven AND/OR gates having open-collector
outputs to drive indicator segments directly. Each segment
output is guaranteed to sink 24 mA in the ON (LOW) state
and withstand 15V in the OFF (HIGH) state with a maxi-
mum leakage current of 250
µA. Auxiliary inputs provided
blanking, lamp test and cascadable zero-suppression func-
tions.
Features
s Open-collector outputs
s Drive indicator segments directly
s Cascadable zero-suppression capability
s Lamp test input
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
VCC = Pin 16
GND
= Pin 8
Connection Diagram
Pin Descriptions
Note 1: OC—Open Collector
Order Number
Package Number
Package Description
DM74LS47M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74LS47N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
A0–A3
BCD Inputs
RBI
Ripple Blanking Input (Active LOW)
LT
Lamp Test Input (Active LOW)
BI/RBO
Blanking Input (Active LOW) or
Ripple Blanking Output (Active LOW)
a –g
Segment Outputs (Active LOW) (Note 1)
www.sycelectronica.com.ar


Similar Part No. - DM74LS47M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS47M FAIRCHILD-DM74LS47M Datasheet
67Kb / 6P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
National Semiconductor ...
DM74LS47M NSC-DM74LS47M Datasheet
121Kb / 5P
BCD TO 7-SEGMENT DECODER/DRIVER
logo
Fairchild Semiconductor
DM74LS47M FAIRCHILD-DM74LS47M Datasheet
203Kb / 8P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
More results

Similar Description - DM74LS47M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
DM74LS47 FAIRCHILD-DM74LS47 Datasheet
67Kb / 6P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
DM9370 FAIRCHILD-DM9370 Datasheet
58Kb / 5P
7-Segment Decoder/Driver/Latch with Open-Collector Outputs
logo
Hitachi Semiconductor
HD74LS49 HITACHI-HD74LS49 Datasheet
66Kb / 5P
BCD-to-Seven Segment Decoder Driver(with Open collector outputs)
logo
Fairchild Semiconductor
DM74LS247 FAIRCHILD-DM74LS247 Datasheet
81Kb / 4P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
National Semiconductor ...
54LS247 NSC-54LS247 Datasheet
66Kb / 3P
BCD TO 7-SEGMENT DECODER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
DM74LS249 NSC-DM74LS249 Datasheet
103Kb / 6P
BCD to 7-Segment Decoder with Open-Collector Outputs
DM54LS447 NSC-DM54LS447 Datasheet
126Kb / 6P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
BCD TO 7-SEGMENT DECODER/DRIVER
DM74LS47 FAIRCHILD-DM74LS47_07 Datasheet
203Kb / 8P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com