Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC606 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC606
Description  Low Noise Smart LED Driver with Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC606 Datasheet(HTML) 2 Page - Semtech Corporation

  SC606 Datasheet HTML 1Page - Semtech Corporation SC606 Datasheet HTML 2Page - Semtech Corporation SC606 Datasheet HTML 3Page - Semtech Corporation SC606 Datasheet HTML 4Page - Semtech Corporation SC606 Datasheet HTML 5Page - Semtech Corporation SC606 Datasheet HTML 6Page - Semtech Corporation SC606 Datasheet HTML 7Page - Semtech Corporation SC606 Datasheet HTML 8Page - Semtech Corporation SC606 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC606
Absolute Maximum Ratings
Electrical Characteristics
Unless specified: T
A = -40°C to 85°C, VIN= 2.85V to 5.5V, C1 = C2 = C3 = C4 = 1.0μF (ESR = 0.03Ω), Typical values @ TA =25°C, LED VF = 3.4V
This device is ESD sensitive. Use of standard ESD handling precautions is required.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
Q
I
,
e
d
o
m
x
1
T
U
O
V
,
A
m
0
=
N
I
V
2
.
4
=0
0
5
10
0
0
2A
µ
I
,
e
d
o
m
x
2
d
n
a
e
d
o
m
x
5
.
1
T
U
O
A
m
0
=3
4
A
m
V
,
0
=
e
l
b
a
n
E
N
I
V
2
.
4
=1
.
07
A
µ
y
c
a
r
u
c
c
A
t
n
e
r
r
u
C
D
E
L
I
R
R
E
-
D
E
L
A
m
5
.
0
≤ I
n
D
E
L
≤
A
m
0
.
4
)
2
(
)
1
(
V
2
.
3
≤ V
N
I ≤
V
2
.
4
0
6
2
-0
0
1
±0
6
2A
µ
A
m
5
.
4
≤ I
n
D
E
L
≤
A
m
5
1
V
2
.
3
≤ V
N
I ≤
V
2
.
4
5
.
6
-2
±5
.
6%
A
m
5
.
5
1
≤ I
n
D
E
L
≤
A
m
2
3
)
3
(
V
2
.
3
≤ V
N
I ≤
V
2
.
4
9
-3
±9
%
g
n
i
h
c
t
a
M
t
n
e
r
r
u
C
I
D
E
L
-
o
t-
D
E
L
A
m
5
.
0
≤ I
n
D
E
L
≤
A
m
0
.
4
)
2
(
V
2
.
3
≤ V
N
I ≤
V
2
.
4
0
4
1
-0
5
±0
4
1A
µ
A
m
5
.
4
≤ I
n
D
E
L
≤
A
m
5
1
V
2
.
3
≤ V
N
I ≤
V
2
.
4
3
-1
±3
%
A
m
5
.
5
1
≤ I
n
D
E
L
≤
A
m
2
3
)
3
(
V
2
.
3
≤ V
N
I ≤
V
2
.
4
5
7
.
3
-5
.
1
±5
7
.
3%
g
n
il
l
a
f
e
d
o
m
x
5
.
1
o
t
e
d
o
m
x
1V
X
1
S
N
A
R
T
I
T
U
O
I
,
A
m
0
6
=
n
D
E
L
A
m
0
1
=
)
1
(
8
5
.
3V
g
n
il
l
a
f
e
d
o
m
x
2
o
t
e
d
o
m
x
5
.
1
e
g
a
tl
o
v
n
o
it
i
s
n
a
r
t
V
X
5
.
1
S
N
A
R
T
I
T
U
O
I
,
A
m
0
6
=
n
D
E
L
A
m
0
1
=
)
1
(
8
9
.
2V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
SV
N
I
0
.
6
+
o
t
3
.
0
-V
e
g
a
tl
o
V
t
u
p
t
u
OV
T
U
O
0
.
6
+
o
t
3
.
0
-V
n
o
it
a
r
u
D
ti
u
c
r
i
C
t
r
o
h
S
T
U
O
VC
Se
ti
n
if
e
d
n
I
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
1
(
θ
A
J
0
4W
/
C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
4
.
2W
/
C
°
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OT
A
5
8
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
C
J
0
5
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
T
R
T
L
M
I
A
6
0
6
C
S
e
r
u
t
a
r
e
p
m
e
T
w
o
lf
e
R
R
IT
D
A
E
L
0
6
2C
°
Exceeding the specifications below may results in permanent damage to the device or device malfunction.
Operation outside of the parameters specified in the Electrical Characteristics section is not required.
1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com