Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR3AS Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # BCR3AS
Description  LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR3AS Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  BCR3AS Datasheet HTML 1Page - Powerex Power Semiconductors BCR3AS Datasheet HTML 2Page - Powerex Power Semiconductors BCR3AS Datasheet HTML 3Page - Powerex Power Semiconductors BCR3AS Datasheet HTML 4Page - Powerex Power Semiconductors BCR3AS Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
5
0
123
4
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
10–1
TC = 25°C
100
23
5 7 101
23
5 7 102
44
30
35
20
25
10
15
5
40
0
MAXIMUM ON-STATE CHARACTERISTICS
ON-STATE VOLTAGE (V)
RATED SURGE ON-STATE CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
Symbol
IDRM
VTM
VFGT !
VRGT !
VRGT #
IFGT !
IRGT !
IRGT #
VGD
Rth (j-c)
(dv/dt)c
Parameter
Repetitive peak off-state current
On-state voltage
Gate trigger voltage V2
Gate trigger current V2
Gate non-trigger voltage
Thermal resistance
Critical-rate of rise of off-state
commutating voltage
Test conditions
Tj=125
°C, VDRM applied
Tc=25
°C, ITM=4.5A, Instantaneous measurement
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=125
°C, VD=1/2VDRM
Junction to case V4
Unit
mA
V
V
V
V
mA
mA
mA
V
°C/W
V/
µs
Typ.
!
@
#
!
@
#
V2. High sensitivity (IGT
≤10mA) is also available.
V3. The critical-rate of rise of the off-state commutating voltage is shown in the table below.
V4. Case temperature is measured on the T2 terminal.
ELECTRICAL CHARACTERISTICS
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR3AS
LOW POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
Limits
Min.
0.2
V3
Max.
2.0
1.7
1.5
1.5
1.5
15 V2
15 V2
15 V2
3.8
PERFORMANCE CURVES
Test conditions
Voltage
class
8
12
VDRM
(V)
400
600
Commutating voltage and current waveforms
(inductive load)
(dv/dt) c
SUPPLY
VOLTAGE
TIME
TIME
TIME
MAIN CURRENT
MAIN
VOLTAGE
(di/dt)c
VD
(dv/dt)c
Min.
5
Unit
V/
µs
1. Junction temperature
Tj=125
°C
2. Rate of decay of on-state commutating current
(di/dt)c=–1.5A/ms
3. Peak off-state voltage
VD=400V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com