Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-34KM-R1-V Datasheet(PDF) 2 Page - Eravant

Part # SWC-34KM-R1-V
Description  WR-34 Band Waveguide to 2.92mm Connector Adapter, Right Angle, Thermal Vacuum Safe
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-34KM-R1-V Datasheet(HTML) 2 Page - Eravant

  SWC-34KM-R1-V Datasheet HTML 1Page - Eravant SWC-34KM-R1-V Datasheet HTML 2Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SWC-34KF-R1-V and SWC-34KM-R1-V
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
2/2
Final Rev 1.0
Mechanical Outline:
Unless otherwise specified, all dimensions are in inches [millimeters])
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
Frequency [GHz]
Typical Performance vs. Frequency
Insertion Loss
Return Loss
NOTE:
•
On condition that test data is provided it is collected from a sample lot. Actual data may vary slightly from unit to unit. All
testing is performed under +25 °C room temperature.
•
On condition that simulated test data is provided, actual measured data may slightly vary.
•
Eravant reserves the right to change the information presented without notice.
CAUTION:
•
Any foreign objects in the waveguide will cause performance degradation and may damage or destroy the unit.
•
For 1.35 mm, 1.85 mm, 2.4 mm, 2.92 mm, and SMA connectors proper torque should be applied: 8.0 ± 0.15 inch-pounds
(0.90 ± 0.02 Nm). Torque wrench model SCH-08008-S1 is highly recommended



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com