Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS255 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS255
Description  MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS255 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS255 Datasheet HTML 1Page - Advanced Monolithic Systems AMS255 Datasheet HTML 2Page - Advanced Monolithic Systems AMS255 Datasheet HTML 3Page - Advanced Monolithic Systems AMS255 Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced
AMS255
Monolithic
MICROPOWER SHUNT VOLTAGE REFERENCE
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Low Temperature Coefficient
• Battery Powered Systems
• Low Output Noise
• Instrumentation
• Operating Current 100µA to 5mA
• Energy Management
• Low Dynamic Impedance
• Automotive
• Tight Output Voltage Tolerance
• Precision Audio Components
• Available in the sub-miniature SOT-23 Package
• Data Acquisition Systems
GENERAL DESCRIPTION
The AMS255 is a two-terminal band-gap voltage reference diode featuring low dynamic impedance and good temperature
coefficient, operating over a 100µA to 5mA current range. On-chip trimming is used to provide tight voltage tolerance. Since
the AMS255 band-gap reference uses only transistors and resistors, low noise and good long term stability result. The wide
dynamic operating range allows its use with widely varying supplies with excellent regulation. These voltage references can be
used to make portable meters, regulators or general purpose analog circuitry.
The AMS255 is operational in the full industrial temperature range of -40
°C to +85°C and is available in small space saving
SOT-23 package.
ORDERING INFORMATION:
MAX.
PACKAGE TYPE
OPERATING
TEMPCO
3 LEAD SOT-23
TEMP. RANGE
50ppm/
°C
AMS255AM
-40 to +85
°C
100ppm/
°C AMS255BM
-40 to +85
°C
PIN CONNECTIONS
3L SOT-23
(M)
+-
3 *
2
1
*This pin must be left floating
or connected to pin 2
Top View
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


Similar Part No. - AMS255

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS255 ADMOS-AMS255 Datasheet
36Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255A ADMOS-AMS255A Datasheet
36Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255AM ADMOS-AMS255AM Datasheet
36Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255B ADMOS-AMS255B Datasheet
36Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255BM ADMOS-AMS255BM Datasheet
36Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - AMS255

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
LM4431 NSC-LM4431 Datasheet
130Kb / 8P
Micropower Shunt Voltage Reference
logo
Advanced Monolithic Sys...
AMS124 ADMOS-AMS124 Datasheet
34Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255 ADMOS-AMS255 Datasheet
36Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4040 ADMOS-AMS4040 Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Advanced Monolithic Sys...
AMS124 ADMOS-AMS124_05 Datasheet
79Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4431 TI-LM4431_15 Datasheet
845Kb / 14P
Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com