Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC606AEVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC606AEVB
Description  Low Noise Smart LED Driver with Serial Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC606AEVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC606AEVB Datasheet HTML 10Page - Semtech Corporation SC606AEVB Datasheet HTML 11Page - Semtech Corporation SC606AEVB Datasheet HTML 12Page - Semtech Corporation SC606AEVB Datasheet HTML 13Page - Semtech Corporation SC606AEVB Datasheet HTML 14Page - Semtech Corporation SC606AEVB Datasheet HTML 15Page - Semtech Corporation SC606AEVB Datasheet HTML 16Page - Semtech Corporation SC606AEVB Datasheet HTML 17Page - Semtech Corporation SC606AEVB Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
© 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC606
Evaluation Board Schematic
1
2
C11
10uF
A2
C1
C2
VOUT
TP5
GND
TP6
GND
TP7
GND
VIN
TP8
GND
POS
1
J1
1
2
C1
1uF
1
2
C2
1uF
ILEDA1
1
SDA
2
SCL
3
EN
4
GND
11
ILEDC2
12
C2+
10
C2-
9
SC606A
B1
B2
P0.0
1
P0.1
2
P0.2
3
P0.3
4
P1.0
5
P1.2
6
VSS
7
VPP
8
CEXT
9
XIN
10
XOUT
11
VCC
12
D-
13
D+
14
P1.3
15
P1.1
16
P.7
17
P.6
18
P.5
19
P.4
20
U4
Delcom 802200
Y1
Ceramic Res. 6MHz
1
1
2
2
3
3
4
4
U5
USB_Ty pe-B
F1
1A
SDA
1
2
R7
7.5k
1
2
C5
4.7uF
1
2
C7
.1uF
SCL
EN
R8
150
D7
USB Power
1
2
C3
1uF
TP11
A2
TP12
A1
C2-
TP13
SDA
TP14
SCL
TP15
EN
C2+
TP16
VOUT
TP17
VIN
TP18
C1-
TP19
C1+
TP20
C2-
TP21
C2+
TP22
GND
TP23
C2
JP9
JP10
TP24
C1
TP25
B2
JP11
TP26
B1
JP12
JP13
JP14
A1
R5
R4
R3
R2
R1
R6
1
2
C4
1uF
1
2
3
JP8
BERG_3PIN
Enable
JP6
VOUT
JP5
JP4
JP3
JP2
JP1
D1
LED_1206
D2
LED_1206
D3
LED_1206
D4
LED_1206
D5
LED_1206
D6
LED_1206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com