Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH3000EK Datasheet(PDF) 19 Page - Semtech Corporation

Part # SH3000EK
Description  MicroBuddy짰 Support IC for Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3000EK Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SH3000EK Datasheet HTML 15Page - Semtech Corporation SH3000EK Datasheet HTML 16Page - Semtech Corporation SH3000EK Datasheet HTML 17Page - Semtech Corporation SH3000EK Datasheet HTML 18Page - Semtech Corporation SH3000EK Datasheet HTML 19Page - Semtech Corporation SH3000EK Datasheet HTML 20Page - Semtech Corporation SH3000EK Datasheet HTML 21Page - Semtech Corporation SH3000EK Datasheet HTML 22Page - Semtech Corporation SH3000EK Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
©2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
19
SH3003
POWER MANAGEMENT
Simple and versatile, the Periodic Interrupt/Wakeup Timer
can be used to create very accurate recurring interrupts
for use by the host micro. With some minimal software
support from the host processor, it can also be used to
create alarms, with practically unlimited duration.
While the timer is running, the host processor may be
halted, consuming no energy. The interrupt wakes up the
processor, which can perform the requisite task and go
back to sleep, until the next periodic interrupt. This mode
of operation can achieve extremely low average power
consumption. A 32-bit counter clocked by 32.768kHz,
producing a minimum interval of 30.5μs and the maxi-
mum interval of 36.4 hours, creates the Timer.
After reset, the timer is stopped until the new value for
the time interval is written into the 4-byte Time Interval
register. When the least significant byte (LSB) is written,
the whole value is moved to the Time Interval latch, the
counter is reset and starts to increment with the 32.768
kHz clock.
When the 32-bit comparator detects a match, an interrupt
is generated and the counter is reset and starts the next
timing cycle.
Although the counter cannot be written to, the current val-
ue from the counter can be read at any time. The whole
32-bit value is loaded into the 32-bit Current Timer Value
latch when the least significant byte is read. This pre-
vents errors stemming from the finite time between the
readings of individual bytes of the current value.
Periodic Interrupt/Wakeup Timer
Application Information (continued)
Auxillary Functions
Scratchpad RAM
Four bytes of general-purpose RAM reside on the
SH3003.
Voltage Regulator
Pin VREG can be used as a nominal 2.20V reference volt-
age or a supply source for small loads (< 2mA). A bypass
capacitor may be necessary between this pin and VSS if
the load generates large current transients or a low ripple
reference is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com