Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS236AS Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS236AS
Description  VOLTAGE REFERENCE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS236AS Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS236AS Datasheet HTML 1Page - Advanced Monolithic Systems AMS236AS Datasheet HTML 2Page - Advanced Monolithic Systems AMS236AS Datasheet HTML 3Page - Advanced Monolithic Systems AMS236AS Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AMS236/AMS336
TYPICAL PERFORMANCE CHARACTERISTICS
0.5
1.0
1.4
1.8
2.2
10-5
10-1
2.6
REVERSE VOLTAGE (V)
10-4
Reverse Characteristics
T
J = +85° C
T
J = -25° C
T
J = +25° C
0
2
4
68
0
3.0
2.0
Reverse Voltage Change
10
REVERSE CURRENT (mA)
1.0
3.5
2.5
10-2
10-3
0
6
0
1.0
2.5
02
6
TIME (
µs)
Response Time
2.0
~
~
2.5k
OUTPUT
INPUT
OUTPUT
INPUT
~
~
48
0.5
1.5
TYPICAL APPLICATIONS
2.5V Reference
Wide Input Range Reference
2.5V Reference with Minimum
Temperature Coefficient
† Adjust to 2.50V
* Any silicon signal diode
2.5k
10k†
1N914*
1N914*
AMS336
5V
V
OUT = 2.5V
AMS336
V
IN 3.5 TO 40V
68
2.5V
AMS336
10V
2.5k
Precision Power Regulator with Low Temperature
Coefficient
Trimmed 2.5V Reference with Temperature Coefficient
Independent of Breakdown Voltage
*Does not affect Temperature Coefficient
IN
ADJ
OUT
AMS1085
V
IN
AMS336
1.2k
R1
375
R2
2k
V
OUT
10k*
1N457
1N457
OUTPUT
ADJUST
10k*
TRIM
AMS336
10V
5k
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com