Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS124 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS124
Description  MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS124 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS124 Datasheet HTML 1Page - Advanced Monolithic Systems AMS124 Datasheet HTML 2Page - Advanced Monolithic Systems AMS124 Datasheet HTML 3Page - Advanced Monolithic Systems AMS124 Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AMS124
TYPICAL PERFORMANCE CHARACTERISTICS
-40
-20
0
20
40
60
80
-0.5
+0.5
0
100
-0.1
-0.2
-0.3
-0.4
+0.4
+0.3
+0.2
+0.1
Temperature Drift for Different
Average Temperature Coefficient
TEMPERATURE ( ° C)
I
R = 150µ A
0
0.4
0.8
1.2
1.6
0
80
40
Reverse Characteristics and
Minimum Operating Current
2.0
REVERSE VOLTAGE (V)
20
100
0.1
1
10
100
1k
100
1k
10k
100k
Ouput Impedance vs Frequency
FREQUENCY (Hz)
1M
0.1
1
10
100
1k
100
1k
10k
100k
FREQUENCY (Hz)
1M
110
100
1k
10k
Noise Voltage vs Frequency
100k
FREQUENCY (Hz)
T
J =25° C, ∆IR= 0.1IR
I
R= 150µA
Ouput Impedance vs Frequency
60
+12ppm/° C
-51ppm/° C
-22ppm/° C
I
R= 1mA
T
J =25° C, ∆IR= 0.1IR
C
L= 0
C
L= 1µF
TANTALUM
C
L= 1µF
TANTALUM
C
L= 0
XC
L
XC
L
0
600
200
1000
800
T
J =25° C
400
T
J =25° C
I
R = 200µ A
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com