Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2647TSTR Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC2647TSTR
Description  Multi-Platform Multi-Phase PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2647TSTR Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC2647TSTR Datasheet HTML 3Page - Semtech Corporation SC2647TSTR Datasheet HTML 4Page - Semtech Corporation SC2647TSTR Datasheet HTML 5Page - Semtech Corporation SC2647TSTR Datasheet HTML 6Page - Semtech Corporation SC2647TSTR Datasheet HTML 7Page - Semtech Corporation SC2647TSTR Datasheet HTML 8Page - Semtech Corporation SC2647TSTR Datasheet HTML 9Page - Semtech Corporation SC2647TSTR Datasheet HTML 10Page - Semtech Corporation SC2647TSTR Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2647
Contact Information
Semtech Corporation
Power Management Products Division
200 Flynn Rd., Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Outline Drawing - TSSOP-24
Land Pattern - TSSOP-24
L
(L 1 )
c
01
GA GE
PL AN E
SE E D E T A IL
DE T A IL
A
A
0.2 5
.0 2 6 B S C
.2 5 2 B S C
24
.0 0 4
.169
.303
.1 7 3
.3 0 7
.007
-
24
0.1 0
0.65 B S C
6.40 B S C
4.4 0
7.8 0
-
.1 7 7
.3 1 1
4.3 0
7.7 0
.0 12
0 .19
4.50
7.90
0.30
bxN
2X N /2 T IP S
S EAT IN G
aa a C
E/2
INDICA T O R
PIN 1
2X
1
3
2
N
R E FE R E N C E JE D E C S T D M O -153, V A R IA T IO N A D .
4.
INCHE S
b
N
ccc
aa a
bb b
01
E1
E
L
L1
e
D
c
A2
A1
DIM
A
MIN
M A X
M ILLIM E T E R S
MIN
D IM E NS IO NS
NO M M A X
N O M
E
A
A2
A1
E1
bb b
C
A-B D
ccc C
DIM E N S IO NS "E 1 " AND "D " DO NOT INCL UDE M O L D F L A S H , P R O T RUS IO NS
3.
OR G A T E B URR S.
D A T U M S
A N D
T O B E D E T E R M IN E D A T D A T U M P L A N E
CONT ROL L ING DIM E NSIO NS A R E IN M IL L IM E T E R S (A NGL E S IN DE GRE E S ).
-B -
N O T ES:
1.
2.
-A -
-H -
SID E VIEW
(.03 9)
.0 0 4
.0 0 8
-
.0 2 4
-
-
-
-
0
.018
.003
.031
.002
-
8
0
0.2 0
0.1 0
-
8
0.4 5
0.0 9
0.8 0
0.0 5
.0 3 0
.0 0 7
.0 4 7
.0 4 2
.0 0 6
-
(1 .0 )
0.6 0
-
0.75
0.20
-
-
-
1.20
1.05
0.15
A
B
C
D
e
e/2
H
PL A N E
D
T H IS L A ND P A T T E R N IS F O R R E F E R E NCE P U R P O S E S O N L Y .
CO NS UL T Y O UR M A N U F A CT U R IN G G R O U P T O E N S U RE Y O UR
C O M P A N Y'S M A N U F AC T U R IN G G U ID EL IN E S AR E M E T .
NO T E S :
1.
(.2 22)
(5 .65)
Z
G
Y
P
(C )
4.1 0
.1 6 1
0.6 5
.0 2 6
0.4 0
.0 1 6
1.5 5
.0 6 1
7.2 0
.2 8 3
X
INCH E S
DIM E N S IO NS
Z
P
Y
X
DIM
C
G
MIL L IME T E R S



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com