Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4150 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4150
Description  Negative Voltage Hot Swap Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4150 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4150 Datasheet HTML 1Page - Semtech Corporation SC4150 Datasheet HTML 2Page - Semtech Corporation SC4150 Datasheet HTML 3Page - Semtech Corporation SC4150 Datasheet HTML 4Page - Semtech Corporation SC4150 Datasheet HTML 5Page - Semtech Corporation SC4150 Datasheet HTML 6Page - Semtech Corporation SC4150 Datasheet HTML 7Page - Semtech Corporation SC4150 Datasheet HTML 8Page - Semtech Corporation SC4150 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
www.semtech.com
SC4150
Negative Voltage
Hot Swap Controller
POWER MANAGEMENT
Revision: April 14, 2004
Programmable slew of the inrush current when
used for hot insertion in the negative 24V and 48V
backplane
Closed loop operation limits the maximum current
even in short circuit condition
Built in timer prevents false shutdown, when the
closed loop operation limits the current.
Sensing the drain voltage allows for immediate
shutdown in short circuit condition, where current
spikes and noise is ignored.
Power good signal
Input UVLO and OVLO sensing
SO-8 package
Central office switching
-48V Distributed power systems
Power supply hotswap & inrush control
Description
Features
Applications
Typical Application Circuit
The SC4150 is a negative voltage hotswap controller that
allows the insertion of line cards into a live backplane.
The inrush current is programmable and closed loop op-
eration limits the maximum current even under short cir-
cuit conditions. A built in timing circuit prevents false shut-
down. The signal from the drain voltage is fed to the
timer, providing safety for the MOSFET when in linear
mode. The SC4150 latches off under abnormal condi-
tion and attempts to restart after a time out period.
The device comes in two options, PWRGD (SC4150H)
and PWRGD (SC4150L). These signals can be directly
used to enable power modules.
Figure 1
Q1
C3
0.33
C5
150
GND
-- 48V
R5
10
R1
562k
R3
10.2k
R4
0.01
R6
18k
R2
9.31k
C4
3.3nF
DRAIN
7
UV
3
VEE
4
GATE
6
PWRGD
1
SENSE
5
VCC
8
OV
2
U1
SC4150
GND(remote)
C2
0.001
C1
0.1
Vee
PWRGD/PWRGD
/PWRGD
VEE


Similar Part No. - SC4150

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC415 SEMTECH-SC415 Datasheet
927Kb / 30P
Dual Synchronous Buck Controller
SC415 SEMTECH-SC415 Datasheet
763Kb / 30P
Dual Synchronous Buck Controller
SC415EVB SEMTECH-SC415EVB Datasheet
927Kb / 30P
Dual Synchronous Buck Controller
SC415EVB SEMTECH-SC415EVB Datasheet
763Kb / 30P
Dual Synchronous Buck Controller
SC415MLTRT SEMTECH-SC415MLTRT Datasheet
927Kb / 30P
Dual Synchronous Buck Controller
More results

Similar Description - SC4150

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250_05 Datasheet
251Kb / 12P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068MM-3 TI1-LM5068MM-3 Datasheet
1Mb / 33P
Negative Voltage Hot Swap Controller
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com