Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR5AM Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # BCR5AM
Description  Triac 5 Amperes/400-600 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR5AM Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  BCR5AM Datasheet HTML 1Page - Powerex Power Semiconductors BCR5AM Datasheet HTML 2Page - Powerex Power Semiconductors BCR5AM Datasheet HTML 3Page - Powerex Power Semiconductors BCR5AM Datasheet HTML 4Page - Powerex Power Semiconductors BCR5AM Datasheet HTML 5Page - Powerex Power Semiconductors BCR5AM Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions
Inches
Millimeters
J
0.99
2.54
K
0.10
2.6
L
0.051
1.3
M
0.051
1.3
N
0.039
1.0
P
0.031
0.8
Q
0.020
0.5
Dimensions
Inches
Millimeters
A
0.63 Max.
16.0 Max.
B
0.49 Min.
12.5 Min.
C
0.41 Max.
10.5 Max.
D
0.28
7.0
E
0.18
4.5
F
0.15 Max.
3.8 Max.
G
0.142 ± 0.008 Dia. 3.6 ± 0.2 Dia.
H
0.13
3.2
Description:
A triac is a solid state silicon
AC switch which may be gate
triggered from an off-state to an
on-state for either polarity of
applied voltage.
Features:
□ Glass Passivation
□ Selected for Inductive Loads
Applications:
□ AC Switch
□ Heating
□ Motor Controls
□ Lighting
Ordering Information:
Example: Select the complete
seven, eight or nine digit part
number you desire from the
table - i.e. BCR5AM-8 is a
400 Volt, 5 Ampere Triac.
VDRM
Inductive
Type
Volts
Code
Load*
BCR5AM
400
-8
L
600
-12
*For inductive load, add L.
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
Triac
5 Amperes/400-600 Volts
BCR5AM
Outline Drawing (Conforms to TO-220)
T-9
Œ
Ž
ŒŽ


G
D
A
H
L
E
K
M
N
J
J
P
B
F
E
C
Œ T1 TERMINAL
 T2 TERMINAL
Ž GATE
 T2 TERMINAL
CONNECTION DIAGRAM
OUTLINE DRAWING


Similar Part No. - BCR5AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR5AM MITSUBISHI-BCR5AM Datasheet
91Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Apollo Electron Co., Lt...
BCR5AM APOLLOELECTRON-BCR5AM Datasheet
3Mb / 6P
Standard Triac
logo
Inchange Semiconductor ...
BCR5AM-12 ISC-BCR5AM-12 Datasheet
249Kb / 2P
isc Triacs
logo
Renesas Technology Corp
BCR5AM-12LA RENESAS-BCR5AM-12LA Datasheet
122Kb / 7P
Triac Medium Power Use
BCR5AM-12LA-A8 RENESAS-BCR5AM-12LA-A8 Datasheet
122Kb / 7P
Triac Medium Power Use
More results

Similar Description - BCR5AM

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR10CM POWEREX-BCR10CM Datasheet
80Kb / 6P
Triac 10 Amperes/400-600 Volts
BCR10PM POWEREX-BCR10PM Datasheet
82Kb / 6P
Isolated Triac 10 Amperes/400-600 Volts
BCR12CM POWEREX-BCR12CM Datasheet
80Kb / 6P
Triac 12 Amperes/400-600 Volts
BCR16CM POWEREX-BCR16CM Datasheet
81Kb / 6P
Triac 16 Amperes/400-600 Volts
BCR3AM POWEREX-BCR3AM Datasheet
70Kb / 4P
Triac 3 Amperes/400-600 Volts
BCR5AS POWEREX-BCR5AS Datasheet
80Kb / 6P
Surface Mount Triac 5 Amperes/400-600 Volts
BCR5PM POWEREX-BCR5PM Datasheet
83Kb / 6P
Isolated Triac 5 Amperes/400-600 Volts
BCR6AM POWEREX-BCR6AM Datasheet
79Kb / 6P
Triac 6 Amperes/400-600 Volts
BCR8CM POWEREX-BCR8CM Datasheet
79Kb / 6P
Triac 8 Amperes/400-600 Volts
BCR8PM POWEREX-BCR8PM Datasheet
83Kb / 6P
Triac 8 Amperes/400-600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com