Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC483ITSTRT Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC483ITSTRT
Description  Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC483ITSTRT Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC483ITSTRT Datasheet HTML 17Page - Semtech Corporation SC483ITSTRT Datasheet HTML 18Page - Semtech Corporation SC483ITSTRT Datasheet HTML 19Page - Semtech Corporation SC483ITSTRT Datasheet HTML 20Page - Semtech Corporation SC483ITSTRT Datasheet HTML 21Page - Semtech Corporation SC483ITSTRT Datasheet HTML 22Page - Semtech Corporation SC483ITSTRT Datasheet HTML 23Page - Semtech Corporation SC483ITSTRT Datasheet HTML 24Page - Semtech Corporation SC483ITSTRT Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
 2005 Semtech Corp.
www.semtech.com
SC483
POWER MANAGEMENT
Key points for the power section:
1) there should be a very small input loop, well decoupled.
2) the phase node should be a large copper pour, but compact since this is the noisiest node.
3) input power ground and output power ground should not connect directly, but through the ground planes instead.
4) The two outputs should not share their input capacitors, and these should have separate PWR_SRC and PGND
(component-side) copper pours.
5) The two output inductors should not be placed adjacent to each other to avoid crosstalk.
6) Notice in Figure 13 placement of 0
Ω resistor at the bottom of the output capacitor to connect to VSSA1/2 for
each output.
Connecting the control and power sections should be accomplished as follows (see Figure 14 below):
1) Route VSSA1/2 and their related feedback traces as differential pairs routed in a “quiet” layer away from noise
sources.
2) Route DL, DH and LX (low side FET gate drive, high side FET gate drive and phase node) to chip using wide traces
with multiple vias if using more than one layer. These connections to be as short as possible for loop minimization,
with a length to width ratio less than 20:1 to minimize impedance. DL is the most critical gate drive, with power
ground as its return path. LX is the noisiest node in the circuit, switching between PWR_SRC and ground at high
frequencies, thus should be kept as short as practical. DH has LX as its return path.
3) BST is also a noisy node and should be kept as short as possible.
4) Connect PGND pins on the chip directly to the VDDP decoupling capacitor and then drop vias directly to the
ground plane.
5) Locate the current limit sense resistors between the LX and ILIM pins at the device.
0402
EN/PSV1
22
TON1
23
VOUT1
24
VCCA1
25
FB1
26
PGD1
27
VSSA1
28
PGND1
1
DL1
2
VDDP1
3
ILIM1
4
LX1
5
DH1
6
BST1
7
EN/PSV2
8
TON2
9
VOUT2
10
VCCA2
11
FB2
12
PGD2
13
VSSA2
14
PGND2
15
DL2
16
VDDP2
17
ILIM2
18
LX2
19
DH2
20
BST2
21
U1
SC483
Q2
Q1
R5
L1
0402
Q3
IRF7811AV
Q4
FDS6676S
R10 7k87
L2
2u2
Figure 14: Connecting Control and Power Sections
Phase nodes (black) to be copper islands (preferred) or wide copper traces. Gate drive traces (red) and phase node
traces (blue) to be wide copper traces (L:W < 20:1) and as short as possible, with DL the most critical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com