Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BML070K Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BML070K
Description  Magnetically Coded Sensors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BML070K Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BML070K Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Magnetically Coded Sensors
BML-M07-I68-A0-M2400-R0000
Order Code: BML070K
Internet
www.balluff.com
eCl@ss 9.1: 27-27-07-05
Subject to change without notice: 280879
ETIM 6.0: EC002544
BML070K_0.54_2024-08-27
1 / 1
1) nominal length/order length, 2) Width, 3) Height of tape, 4) Magnet layer, 5) Carrier strip, 6) Glue layer, 7) Protective film
for removal
Basic features
Application
linear/rotary motion
Measuring principle
incremental measuring system
Series
M07
Style
Magnetic tape
Use
for magnetic encoder
BML-S2C
Environmental conditions
Ambient temperature
-20...80 °C
Ext. magnetic fields max.
30 mT (no damage)
Ext. magnetic fields max., in operation
1 mT (no effect)
Overall system temperature coefficient
10.5 ppm/K
Storage temperature
-20...80 °C
Material
Material
Magnetic rubber
Carrier: Stainless steel
Mounting tape 0.13 mm
Mechanical data
Bending radius min.
120 mm
Coding
INC 10 mm
Dimension
10 mm x 1.43 mm x 24 m
(WxHxL)
Pole width
10 mm
Reference points
without
Track, number
1
Weight
1.56 kg
Range/Distance
Accuracy class
250 µm referred to 1 m of length


Similar Part No. - BML070K

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML070J BALLUFF-BML070J Datasheet
124Kb / 2P
Magnetically Coded Sensors
0.32_2021-08-25
More results

Similar Description - BML070K

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML0902 BALLUFF-BML0902 Datasheet
118Kb / 3P
Magnetically Coded Sensors
BML003L BALLUFF-BML003L Datasheet
118Kb / 2P
Magnetically Coded Sensors
BML04PA BALLUFF-BML04PA Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.36_2021-08-25
BML04PH BALLUFF-BML04PH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML04Y4 BALLUFF-BML04Y4 Datasheet
117Kb / 3P
Magnetically Coded Sensors
0.34_2021-09-01
BML05EC BALLUFF-BML05EC Datasheet
123Kb / 2P
Magnetically Coded Sensors
0.32_2021-08-25
BML05NH BALLUFF-BML05NH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML041H BALLUFF-BML041H Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML056R BALLUFF-BML056R Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML05YY BALLUFF-BML05YY Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com