Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BML09W5 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BML09W5
Description  Magnetically Coded Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BML09W5 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BML09W5 Datasheet HTML 1Page - Balluff Korea Ltd. BML09W5 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Magnetically Coded Sensors
BML RPH-I2F1-KZZZ-X0032-0025
Order Code: BML09W5
Internet
www.balluff.com
eCl@ss 9.1: 27-27-07-05
Subject to change without notice: 283321
ETIM 6.0: EC002544
BML09W5_0.4_2023-12-21
1 / 2
1) Outer diameter (OD), 2) Inner diameter (ID), 3) Width (W)
Basic features
Application
rotary motion
Measuring principle
incremental measuring system
Series
RPH
Style
Magnet ring
Use
for magnetic encoder
BML SF2
Environmental conditions
Ambient temperature
-20...80 °C
Ext. magnetic fields max.
30 mT (no damage)
Ext. magnetic fields max., in operation
1 mT (no effect)
Storage temperature
-20...80 °C
Material
Material
Plastic
Mechanical data
Coding
INC 2 mm
Dimension
Ø 31.70 mm/Ø 25 mm H8 x 5.5
mm (ODxIDxW)
Inside diameter, tolerance
H8
Pole width
2 mm
Poles, number
50
Track, number
1
Weight
5 g
Range/Distance
Accuracy class
550"


Similar Part No. - BML09W5

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML09WJ BALLUFF-BML09WJ Datasheet
125Kb / 2P
Magnetically Coded Sensors
0.22_2021-08-25
More results

Similar Description - BML09W5

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML0902 BALLUFF-BML0902 Datasheet
118Kb / 3P
Magnetically Coded Sensors
BML003L BALLUFF-BML003L Datasheet
118Kb / 2P
Magnetically Coded Sensors
BML04PA BALLUFF-BML04PA Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.36_2021-08-25
BML04PH BALLUFF-BML04PH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML04Y4 BALLUFF-BML04Y4 Datasheet
117Kb / 3P
Magnetically Coded Sensors
0.34_2021-09-01
BML05EC BALLUFF-BML05EC Datasheet
123Kb / 2P
Magnetically Coded Sensors
0.32_2021-08-25
BML05NH BALLUFF-BML05NH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML041H BALLUFF-BML041H Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML056R BALLUFF-BML056R Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML05YY BALLUFF-BML05YY Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com