Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BML0ACP Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BML0ACP
Description  Magnetically Coded Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BML0ACP Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BML0ACP Datasheet HTML 1Page - Balluff Korea Ltd. BML0ACP Datasheet HTML 2Page - Balluff Korea Ltd. BML0ACP Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Magnetically Coded Sensors
BML SF2-I211-QZ26-ZU15-KA00,5-S284
Order Code: BML0ACP
Internet
www.balluff.com
eCl@ss 9.1: 27-27-07-05
Subject to change without notice: 285100
ETIM 6.0: EC002544
BML0ACP_3_2024-12-12
1 / 3
1) not included in scope of delivery, 2) Distance to tape, 3) Tape, 4) Cable length, 5) Active measurement surface, 6) LED
function indicator
Basic features
Additional features 01
Reference signal, individually or
fixed-periodic
Additional features 02
Function indicator: LED red/green
Additional features 03
Real-time capable
Application
linear/rotary motion
Approval/Conformity
cURus
CE
UKCA
WEEE
Measuring principle
incremental measuring system
Series
SF2
Display/Operation
Function indicator
Green LED
LED red
Electrical connection
Bending radius min., fixed cable
7.5 x D
Bending radius min., flexible cable
15 x D
Cable diameter D
4.9...5.2 mm
Cable length L
0.5 m, drag chain compatible
Conductor cross-section
0.08 mm²
Connection
Cable with connector, M12x1-
Male, 12-pin, 0.5 m, PUR
Connection type
Cable with connector, 0.5 m, PUR
Connection version
axial
Number of conductors
12
Polarity reversal protected
no
Protection against device mix-ups
no
Electrical data
Current consumption max. at 5 V DC
50 mA
Hysteresis H max.
4 µm
Operating voltage Ub
4.75...5.25 VDC
Overvoltage protection
no
Voltage-proof up to (GND to housing)
500 V DC


Similar Part No. - BML0ACP

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML0A08 BALLUFF-BML0A08 Datasheet
122Kb / 2P
Magnetically Coded Sensors
BML0A1U BALLUFF-BML0A1U Datasheet
124Kb / 2P
Magnetically Coded Sensors
BML0A59 BALLUFF-BML0A59 Datasheet
106Kb / 2P
Magnetically Coded Sensors
2024-12-12
BML0A6K BALLUFF-BML0A6K Datasheet
124Kb / 3P
Magnetically Coded Sensors
BML0A7Y BALLUFF-BML0A7Y Datasheet
106Kb / 2P
Magnetically Coded Sensors
2024-12-12
More results

Similar Description - BML0ACP

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML0902 BALLUFF-BML0902 Datasheet
118Kb / 3P
Magnetically Coded Sensors
BML003L BALLUFF-BML003L Datasheet
118Kb / 2P
Magnetically Coded Sensors
BML04PA BALLUFF-BML04PA Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.36_2021-08-25
BML04PH BALLUFF-BML04PH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML04Y4 BALLUFF-BML04Y4 Datasheet
117Kb / 3P
Magnetically Coded Sensors
0.34_2021-09-01
BML05EC BALLUFF-BML05EC Datasheet
123Kb / 2P
Magnetically Coded Sensors
0.32_2021-08-25
BML05NH BALLUFF-BML05NH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML041H BALLUFF-BML041H Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML056R BALLUFF-BML056R Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML05YY BALLUFF-BML05YY Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com