Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1480ITSTR Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1480ITSTR
Description  DDR Memory Power Supply Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480ITSTR Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1480ITSTR Datasheet HTML 9Page - Semtech Corporation SC1480ITSTR Datasheet HTML 10Page - Semtech Corporation SC1480ITSTR Datasheet HTML 11Page - Semtech Corporation SC1480ITSTR Datasheet HTML 12Page - Semtech Corporation SC1480ITSTR Datasheet HTML 13Page - Semtech Corporation SC1480ITSTR Datasheet HTML 14Page - Semtech Corporation SC1480ITSTR Datasheet HTML 15Page - Semtech Corporation SC1480ITSTR Datasheet HTML 16Page - Semtech Corporation SC1480ITSTR Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
 2006 Semtech Corp.
www.semtech.com
SC1480
POWER MANAGEMENT
Applications Information (Cont.)
The error comparator offset is trimmed so that it trips
when VOUT is 1.25 volts +/-1% at room temperature.
This offset does not drift significantly with supply and
temperature. Thus, the error comparator contributes 1%
or less to DC system inaccuracy.
The on pulse in the SC1480 is calculated to give a pseudo
fixed frequency. Nevertheless, some frequency variation
with line and load can be expected. This variation changes
the output ripple voltage. Because constant on regulators
regulate to the valley of the output ripple, ½ of the output
ripple appears as a DC regulation error. For example, if
REFOUT=1.25 volts, then the valley of the output ripple
will be 1.25 volts. If the ripple is 20mv with VIN=6, then
the DC output voltage will be 1.26 volts. If the ripple is
40mv with VIN=25 volts, then the DC output voltage will
be 1.27 volts. The best way to minimize this effect is to
minimize the output ripple.
To compensate for valley regulation it is usually desirable
to use passive droop. Take the feedback directly from
the output side of the inductor incorporating a small
amount of trace resistance between the inductor and
output capacitor. This trace resistance should be
optimized so that at full load the output droops to near
the lower regulation limit. Passive droop minimizes the
required output capacitance because the voltage
excursions due to load steps are reduced. Passive droop
also improves stability so it should be used when possible.
Thermal Considerations
The junction temperature of the device may be calculated
as follows:
C
P
T
T
JA
D
A
J
°
θ
•
+
=
Where:
T
A = ambient temperature (°C)
P
D = power dissipation in (W)
θ
JA = thermal impedance junction to ambient from
absolute maximum ratings (°C/W)
The power dissipation may be calculated as follows:
W
f
Q
V
I
VCCA
P
g
g
VCCA
D
•
•
+
•
=
Where:
VCCA = chip supply voltage (V)
I
VCCA = operating current (A)
V
g = gate drive voltage, typically 5V (V)
Q
g = FET gate charge, from the FET datasheet (C)
f = switching frequency (kHz)
Inserting the following values as an example:
T
A = 85°C
θ
JA = 100°C/W
VCCA = 5V
I
VCCA = 1100µA (data sheet maximum)
V
g = 5V
Q
g = 60nC
f = 300kHz
gives us:
()
C
95
100
10
300
10
60
5
10
1100
5
85
T
3
9
6
J
°
=
•
•
•
•
•
+
•
•
+
=
−
−
As can be seen, the heating effects due to internal power
dissipation are practically negligible, thus requiring no
special consideration thermally during layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com