Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1301A Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1301A
Description  2A High Speed Low-Side MOSFET Driver in SOT-23
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1301A Datasheet(HTML) 1 Page - Semtech Corporation

  SC1301A Datasheet HTML 1Page - Semtech Corporation SC1301A Datasheet HTML 2Page - Semtech Corporation SC1301A Datasheet HTML 3Page - Semtech Corporation SC1301A Datasheet HTML 4Page - Semtech Corporation SC1301A Datasheet HTML 5Page - Semtech Corporation SC1301A Datasheet HTML 6Page - Semtech Corporation SC1301A Datasheet HTML 7Page - Semtech Corporation SC1301A Datasheet HTML 8Page - Semtech Corporation SC1301A Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
www.semtech.com
SC1301A/B
2A High Speed Low-Side
MOSFET Driver in SOT-23
POWER MANAGEMENT
Revision: May 30, 2007
Description
Features
Applications
Typical Application Circuit
The SC1301A/B is a cost effective single-channel high-
speed MOSFET driver. The driver is capable of driving a
1000pF load in 20ns rise/fall time and has a 60ns propa-
gation delay time from input transition to the gate of the
power MOSFET. The high current driving capability
(2A peak) allows fast switching up to 1MHz. The SC1301A
is noninverting and the SC1301B is inverting.
An Undervoltage lockout circuit is included to guarantee
that the driver output is low when Vcc is less than or
equal to 4.1V (typ) at supply ramp up. An internal tem-
perature sensor shuts down the driver in the event of
overtemperature. The 5-pin SOT-23 package uses mini-
mum space.
+4.5V to +16.5V operation
Fast rise and fall times
(20ns typical with 1000pf load )
2A peak drive current
Enable/disable control
TTL-compatible input
Inverting or noninverting versions
Undervoltage lockout
Low supply current
-40°C to 85°C ambient temperature operating range
Over temperature protection
ESD protection
SOT-23-5 package. Also available in Lead-free, fully
WEEE and RoHS compliant.
Switch-mode power supplies
Battery powered applications
Solenoid and motor drives
SC1301A
1
4
5
IN
OUT
EN
Vload
Input
10uF
LOAD
0.1uF
+12V


Similar Part No. - SC1301A

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC1301 FUMAN-SC1301 Datasheet
1Mb / 7P
Step-up DC/DC Converter IC
More results

Similar Description - SC1301A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_11 Datasheet
1Mb / 22P
Single 2A High-Speed, Low-Side Gate Driver
logo
International Rectifier
IR44252LPBF IRF-IR44252LPBF Datasheet
728Kb / 14P
SOT-23 Single Low-Side Driver IC
IR44273LPBF IRF-IR44273LPBF Datasheet
735Kb / 14P
SOT-23 Single Low-Side Driver IC
logo
ON Semiconductor
FAN3181 ONSEMI-FAN3181 Datasheet
984Kb / 21P
Single 2A High-Speed, Low-Side IGBT Driver
December 2016- Rev. 1.0
logo
Infineon Technologies A...
IRS10752LPBF INFINEON-IRS10752LPBF Datasheet
374Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
IRS25752LPBF INFINEON-IRS25752LPBF Datasheet
374Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
IR44252LPBF INFINEON-IR44252LPBF Datasheet
1Mb / 14P
SOT-23 Single Low-Side Driver IC
June 30, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com