Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4201IMSTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4201IMSTRT
Description  Multi-Phase Link Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4201IMSTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4201IMSTRT Datasheet HTML 4Page - Semtech Corporation SC4201IMSTRT Datasheet HTML 5Page - Semtech Corporation SC4201IMSTRT Datasheet HTML 6Page - Semtech Corporation SC4201IMSTRT Datasheet HTML 7Page - Semtech Corporation SC4201IMSTRT Datasheet HTML 8Page - Semtech Corporation SC4201IMSTRT Datasheet HTML 9Page - Semtech Corporation SC4201IMSTRT Datasheet HTML 10Page - Semtech Corporation SC4201IMSTRT Datasheet HTML 11Page - Semtech Corporation SC4201IMSTRT Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4201
Evaluation Board Schematic
A Out
B Out
C Out
D Out
Sync
R2
100K
+3 to 6V
C3
22pF
C4
22pF
C5
22pF
C6
22pF
J1
R1
15k
R3
1k
C2
0.1
C1
1.0
RT
1
VDD
2
SYNC
3
D
7
GND
8
B
5
C
6
A
4
U1
SC4201
Run - Sync
3 Phase - 4 Phase
Top View
Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com