Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR5AS Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # BCR5AS
Description  Surface Mount Triac 5 Amperes/400-600 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR5AS Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  BCR5AS Datasheet HTML 1Page - Powerex Power Semiconductors BCR5AS Datasheet HTML 2Page - Powerex Power Semiconductors BCR5AS Datasheet HTML 3Page - Powerex Power Semiconductors BCR5AS Datasheet HTML 4Page - Powerex Power Semiconductors BCR5AS Datasheet HTML 5Page - Powerex Power Semiconductors BCR5AS Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions
Inches
Millimeters
H
0.040 Min.
1.0 Min.
J
0.040
1.0
K
0.4 Max.
0.9 Max.
L
0.03
0.8
M
0.020 ± 0.01
0.5 ± 0.2
N
0.020
0.5 ± 0.1
Dimensions
Inches
Millimeters
A
0.39 Max.
10 Max.
B
0.26
6.5
C
0.22 ± 0.008
5.5 ± 0.2
D
0.20 ± 0.008
5.0 ± 0.2
E
0.9 Min.
2.3 Min.
F
0.9
2.3
G
0.06 ± 0.008
1.5 ± 0.2
Description:
A triac is a solid state silicon
AC switch which may be gate
triggered from an off-state to an
on-state for either polarity of
applied voltage.
Features:
□ Surface Mount Type
□ Glass Passivation
□ Selected for Inductive Loads
Applications:
□ AC Switch
□ Heating
□ Motor Controls
□ Lighting
Ordering Information:
Example: Select the complete
eight or nine digit part number you
desire from the table - i.e.
BCR5AS-8L is a 400 Volt,
5 Ampere Triac.
VDRM
Inductive
Type
Volts
Code
Load
BCR5AS
400
-8
L
600
-12
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
Surface Mount Triac
5 Amperes/400-600 Volts
BCR5AS
Outline Drawing (Conforms to MP-3)
T-15
Ž
Œ
FF
J
K
H
D
B
C
E
G
A
N
L
M
Œ T1 TERMINAL
 T2 TERMINAL
Ž GATE TERMINAL
 T2 TERMINAL

CONNECTION DIAGRAM
OUTLINE DRAWING
Œ
Ž



Similar Part No. - BCR5AS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR5AS MITSUBISHI-BCR5AS Datasheet
87Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR5AS-12A RENESAS-BCR5AS-12A Datasheet
118Kb / 7P
Triac Medium Power Use
BCR5AS-12A-A1 RENESAS-BCR5AS-12A-A1 Datasheet
118Kb / 7P
Triac Medium Power Use
BCR5AS-12A RENESAS-BCR5AS-12A_15 Datasheet
136Kb / 9P
Triac Medium Power Use
BCR5AS-12B RENESAS-BCR5AS-12B Datasheet
132Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
More results

Similar Description - BCR5AS

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR10CM POWEREX-BCR10CM Datasheet
80Kb / 6P
Triac 10 Amperes/400-600 Volts
BCR10PM POWEREX-BCR10PM Datasheet
82Kb / 6P
Isolated Triac 10 Amperes/400-600 Volts
BCR12CM POWEREX-BCR12CM Datasheet
80Kb / 6P
Triac 12 Amperes/400-600 Volts
BCR16CM POWEREX-BCR16CM Datasheet
81Kb / 6P
Triac 16 Amperes/400-600 Volts
BCR3AM POWEREX-BCR3AM Datasheet
70Kb / 4P
Triac 3 Amperes/400-600 Volts
BCR5AM POWEREX-BCR5AM Datasheet
80Kb / 6P
Triac 5 Amperes/400-600 Volts
BCR5PM POWEREX-BCR5PM Datasheet
83Kb / 6P
Isolated Triac 5 Amperes/400-600 Volts
BCR6AM POWEREX-BCR6AM Datasheet
79Kb / 6P
Triac 6 Amperes/400-600 Volts
BCR8CM POWEREX-BCR8CM Datasheet
79Kb / 6P
Triac 8 Amperes/400-600 Volts
BCR8PM POWEREX-BCR8PM Datasheet
83Kb / 6P
Triac 8 Amperes/400-600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com