Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4601IMSTRT Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC4601IMSTRT
Description  Low Input, High Efficiency Synchronous, Step Down Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4601IMSTRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC4601IMSTRT Datasheet HTML 10Page - Semtech Corporation SC4601IMSTRT Datasheet HTML 11Page - Semtech Corporation SC4601IMSTRT Datasheet HTML 12Page - Semtech Corporation SC4601IMSTRT Datasheet HTML 13Page - Semtech Corporation SC4601IMSTRT Datasheet HTML 14Page - Semtech Corporation SC4601IMSTRT Datasheet HTML 15Page - Semtech Corporation SC4601IMSTRT Datasheet HTML 16Page - Semtech Corporation SC4601IMSTRT Datasheet HTML 17Page - Semtech Corporation SC4601IMSTRT Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
 2006 Semtech Corp.
www.semtech.com
SC4601
POWER MANAGEMENT
m
e
t
Iy
t
Qe
c
n
e
r
e
f
e
Re
u
l
a
Vr
e
r
u
t
c
a
f
u
n
a
M
/.
o
N
t
r
a
P
11
1
CF
p
0
7
4
21
2
CF
n
8
.
6
31
3
CF
u
7
.
4
45
3
1
C
,
2
1
C
,
1
1
C
,
0
1
C
,
4
C0
1
2
1
,
F
u
2
2M
6
2
2
J
0
R
5
X
5
2
2
3
C
:
N
/
P
K
D
T
51
7
CF
u
0
5
1L
M
0
5
1
B
P
T
6
:
N
/
P
o
y
n
a
S
61
9
CF
n
6
.
5
71
4
1
CF
n
3
3
81
1
L
,r
o
t
c
u
d
n
i
r
e
w
o
p
T
M
S
s
m
r
A
2
.
2
1
,
%
0
3
-
/
+
H
u
6
.
1
.t
a
S
.
n
i
m
:
N
/
P
.
c
i
n
o
s
a
n
a
P
,
A
F
S
6
R
1
F
6
P
Q
T
E
91
1
M8
-
0
S
,
P
T
E
F
S
O
M5
7
3
6
S
D
F
:
N
/
P
d
li
h
c
r
i
a
F
0
11
1
M8
-
0
S
,
N
T
E
F
S
O
MA
0
8
6
6
S
D
F
:
N
/
P
d
li
h
c
r
i
a
F
1
11
0
RK
1
.
0
3
2
11
1
RK
1
.
5
3
11
2
RK
2
3
.
3
4
12
6
R
,
5
R1
5
11
7
RK
7
.
2
6
11
8
R2
0
1
7
11
9
RK
9
0
.
3
8
12
1
1
R
,
0
1
R0
0
1
9
11
5
1
R1
0
21
3
RK
5
6
.
3
1
21
1
U1
0
6
4
C
SR
T
S
M
I
1
0
6
4
C
S
:
N
/
P
h
c
e
t
m
e
S
:
s
t
n
e
n
o
p
m
o
c
y
e
K
h
c
e
t
m
e
S
,
1
0
6
4
C
S
:
1
U
d
li
h
c
r
i
a
F
,
8
-
O
S
,
5
7
3
6
S
D
F
:
1
M
d
li
h
c
r
i
a
F
,
8
-
O
S
,
A
0
8
6
6
S
D
F
:
2
M
o
y
n
a
S
,
L
M
0
5
1
B
P
T
6
:
7
C
.
c
i
n
o
s
a
n
a
P
,
A
F
S
6
R
1
F
6
P
Q
T
E
,t
a
S
.
n
i
m
s
m
r
A
2
.
2
1
,
%
0
3
-
/
+
H
u
6
.
1
,r
o
t
c
u
d
n
i
r
e
w
o
p
T
M
S
:
1
L
.
e
g
a
k
c
a
p
3
0
6
0
D
M
S
n
i
e
r
a
s
r
o
ti
c
a
p
a
c
d
n
a
s
r
o
t
s
i
s
e
r
ll
a
,
d
e
if
i
c
e
p
s
s
s
e
l
n
U
%
0
2
-
/
+
e
r
a
s
r
o
ti
c
a
p
a
c
ll
a
d
n
a
%
1
-
/
+
e
r
a
s
r
o
t
s
i
s
e
R
Bill of Materials - 3.3V to 1.5V @ 6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com