Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4605IMSTR Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4605IMSTR
Description  Low Input, High Efficiency Synchronous, Step Down Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4605IMSTR Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4605IMSTR Datasheet HTML 3Page - Semtech Corporation SC4605IMSTR Datasheet HTML 4Page - Semtech Corporation SC4605IMSTR Datasheet HTML 5Page - Semtech Corporation SC4605IMSTR Datasheet HTML 6Page - Semtech Corporation SC4605IMSTR Datasheet HTML 7Page - Semtech Corporation SC4605IMSTR Datasheet HTML 8Page - Semtech Corporation SC4605IMSTR Datasheet HTML 9Page - Semtech Corporation SC4605IMSTR Datasheet HTML 10Page - Semtech Corporation SC4605IMSTR Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
 2004 Semtech Corp.
www.semtech.com
SC4605
POWER MANAGEMENT
Applications Information (Cont.)
A
50
R
I
R
)
ON
(
DS
MAX
SET
µ
⋅
=
Kelvin sensing connections should be used at the drain
and source of N-MOSFET. R
SET
needs to be adjusted if
the input of the application changes significantly, say from
3.3V to 5V for the same load and same output voltage.
A 0.1
µA ceramic capacitor paralled to this resistor should
be used to decouple the noise.
The RDS(ON) sensing used in the SC4605 has an addi-
tional feature that enhances the performance of the over
current protection. Because the RDS(ON) has a positive
temperature coefficient, the 50
µA current source has a
positive coefficient of about 0.17%/C° providing first order
correction for current sensing vs temperature. This com-
pensation depends on the high amount of thermal trans-
ferring that typically exists between the high side N-
MOSFET and the SC4605 due to the compact layout of
the power supply.
When the converter detects an over current condition (I
> IMAX) as shown in Figure 1, the first action the SC4605
takes is to enter the cycle by cycle protection mode (Point
B to Point C), which responds to minor over current cases.
Then the output voltage is monitored. If the over current
and low output voltage (set at 68.75% of nominal out-
put voltage) occur at the same time, the Hiccup mode
operation (Point C to Point D) of the SC4605 is invoked
and the internal soft start capacitor is discharged. This is
like a typical soft start cycle.
IMAX
nom
O
V −
⋅
6875
.
0
nom
O
V −
O
V
O
I
A
B
D
C
nom
O
V −
⋅
125
.
0
Figure 1. Over current protection characteristic of
SC4605
Power MOSFET Drivers
The SC4605 has two drivers for external power N-
MOSFETs. The driver block consists of one high side N-
MOSFET, 1A driver, DRVH, and one low side 1A, N-MOSFET
driver, DRVL, which are optimized for driving external
power MOSFETs in a synchronous buck converter. The
output drivers also have gate drive non-overlap mecha-
nism that gives a dead time between DRVH and DRVL
transitions to avoid potential shoot through problems in
the external MOSFETs. By using the proper design and
the appropriate MOSFETs, a 12A converter can be
achieved. As shown in Figure 2, td1, the delay from the
top MOSFET off to the bottom MOSFET on is adaptive by
detecting the voltage of the phase node. td2, the delay
from the bottom MOSFET off to the top MOSFET on is
fixed, is 50ns for the SC4605. This control scheme guar-
antees avoiding the cross conduction or shoot through
between two MOSFETs and minimizes the conduction loss
in the bottom diode for high efficiency applications.
BOTTOM MOSFET Gate Drive
TOP MOSFET Gate Drive
Phase node
Ground
td1
td2
Figure 2. Timing Waveforms for Gate Drives and Phase
Node
Inductor Selection
The factors for selecting the inductor include its cost,
efficiency, size and EMI. For a typical SC4605 applica-
tion, the inductor selection is mainly based on its value,
saturation current and DC resistance. Increasing the in-
ductor value will decrease the ripple level of the output
voltage while the output transient response will be de-
graded. Low value inductors offer small size and fast tran-
sient responses while they cause large ripple currents,
poor efficiencies and more output capacitance to smooth
out the large ripple currents. The inductor should be able
to handle the peak current without saturating and its
copper resistance in the winding should be as low as
possible to minimize its resistive power loss. A good trade-
off among its size, loss and cost is to set the inductor
ripple current to be within 15% to 30% of the maximum
output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com