Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH3000 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SH3000
Description  Low-Power Programmable Multifunction Support IC for Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3000 Datasheet(HTML) 2 Page - Semtech Corporation

  SH3000 Datasheet HTML 1Page - Semtech Corporation SH3000 Datasheet HTML 2Page - Semtech Corporation SH3000 Datasheet HTML 3Page - Semtech Corporation SH3000 Datasheet HTML 4Page - Semtech Corporation SH3000 Datasheet HTML 5Page - Semtech Corporation SH3000 Datasheet HTML 6Page - Semtech Corporation SH3000 Datasheet HTML 7Page - Semtech Corporation SH3000 Datasheet HTML 8Page - Semtech Corporation SH3000 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SH3000 MicroBuddy™
SYSTEM MANAGEMENT
Copyright ©2003-2005 Semtech Corporation
2
V1.15 www.semtech.com
Description
Ordering Information
SH3000IMLTR
IC
MLP 3 x 3 mm 16 pins, -40
° C to +85° C
SH3000IMLTRT
IC
MLP 3 x 3 mm 16 pins, -40
° C to +85° C, Lead Free
EVK-SH3000USB
Evaluation kit
SH3000EK.pdf
Evaluation kit user manual
SH3000UM.pdf
User manual
Block Diagram
Microcontroller
V+
VDD
32KHZ
XIN
XOUT
RESET
I/O PIN
CLKSEL
VBAK
LF Oscillator
Select
Logic
Reset Drivers
& Logic
VDD Monitor
Watchdog
HF Oscillator
& FLL
Real Time Clock
Periodic Interrupt
/ Wake-up Timer
XTAL
Oscillator
RC
Oscillator
Regulators &
Battery Back-up
OTP Memory
Calibration &
Default Settings
Serial I/O
Control Logic
8
Clock Driver &
Start/Stop Logic
Post-scaler
2
3
4
9
10
11
12
5
6
7
13
14
15
16
Interrupt
VSS
XIN
XOUT
Voltage
Reference
RREF
RST
N
RST
TEST
IO/INT
SH3000 µBuddy™
1
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com