Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4605IMSTRT Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC4605IMSTRT
Description  Low Input, High Efficiency Synchronous, Step Down Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4605IMSTRT Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC4605IMSTRT Datasheet HTML 11Page - Semtech Corporation SC4605IMSTRT Datasheet HTML 12Page - Semtech Corporation SC4605IMSTRT Datasheet HTML 13Page - Semtech Corporation SC4605IMSTRT Datasheet HTML 14Page - Semtech Corporation SC4605IMSTRT Datasheet HTML 15Page - Semtech Corporation SC4605IMSTRT Datasheet HTML 16Page - Semtech Corporation SC4605IMSTRT Datasheet HTML 17Page - Semtech Corporation SC4605IMSTRT Datasheet HTML 18Page - Semtech Corporation SC4605IMSTRT Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
18
 2004 Semtech Corp.
www.semtech.com
SC4605
POWER MANAGEMENT
Typical Characteristics
Oscillator Internal Accuracy
vs
Temperature
298
300
302
304
306
308
310
312
314
-40
-20
0
20406080
100
120
Temperature (°C)
Vcc = 5V
Oscillator Internal Accuracy
vs
Input Voltage
304
306
308
310
312
314
316
318
2.5
3
3.5
4
4.5
5
5.5
Vcc (V)
TA = 25°C
Sense Voltage
vs
Input Voltage
0.801
0.802
0.802
0.803
0.803
0.804
2.53
3.54
4.55
5.5
Vcc (V)
TA = 25°C
Sense Voltage
vs
Temperature
0.792
0.794
0.796
0.798
0.800
0.802
0.804
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Vcc = 5V
Current Limit Bias Current
vs
Input Voltage
47.5
48.0
48.5
49.0
49.5
50.0
50.5
51.0
2.5
3
3.5
4
4.5
5
5.5
Vcc (V)
TA = 25°C
Current Limit Bias Current
vs
Temperature
30.0
35.0
40.0
45.0
50.0
55.0
60.0
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Vcc = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com