Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1485ITSTRT Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC1485ITSTRT
Description  Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1485ITSTRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC1485ITSTRT Datasheet HTML 12Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 13Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 14Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 15Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 16Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 17Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 18Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 19Page - Semtech Corporation SC1485ITSTRT Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
16
 2005 Semtech Corp.
www.semtech.com
SC1485
POWER MANAGEMENT
Layout Guidelines
One (or more) ground planes is/are recommended to minimize the effect of switching noise and copper losses, and
maximize heat dissipation. The IC ground references, VSSA1 and VSSA2, should be kept separate from power
ground. All components that are referenced to them should connect to them locally at the chip. VSSA1 and VSSA2
should connect to power ground at their respective output capacitors only.
Feedback traces must be kept far away from noise sources such as switching nodes, inductors and gate drives.
Route feedback traces with their respective VSSAs as a differential pair from the output capacitor back to the chip.
Run them in a “quiet layer” if possible.
Chip decoupling capacitors (VDDP, VCCA) should be located next to the pins and connected directly to them on the
same side.
Power sections should connect directly to the ground plane(s) using multiple vias as required for current handling
(including the chip power ground connections). Power components should be placed to minimize loops and reduce
losses. Make all the connections on one side of the PCB using wide copper filled areas if possible. Do not use
“minimum” land patterns for power components. Minimize trace lengths between the gate drivers and the gates of
the MOSFETs to reduce parasitic impedances (and MOSFET switching losses), the low-side MOSFET is most critical.
Maintain a length to width ratio of <20:1 for gate drive signals. Use multiple vias as required by current handling
requirement (and to reduce parasitics) if routed on more than one layer
Current sense connections must always be made using Kelvin connections to ensure an accurate signal.
We will examine the SC1485 OUT2 reference design used in the Design Procedure section while explaining the
layout guidelines in more detail, using the same generic components for OUT1.
VOUT2
R8
10R
0402
0402
0402
C15
56p
0402
0402
0402
0603
R12 0R (1)
0402
7343
+
C16
220u/25m
7343
C13
0u1/25V
C14
10u/25V
0402
0603
1210
0603
0402
0603
NOTES
(1) R 6 and R 12 aid in keeping VSSA1 and VSSA2 separate f rom PGN D except where desired in lay out.
VOUT2
EN/PSV1
22
TON1
23
VOUT1
24
VCCA1
25
FB1
26
PGD1
27
VSSA1
28
PGND1
1
DL1
2
VDDP1
3
ILIM1
4
LX1
5
DH1
6
BST1
7
EN/PSV2
8
TON2
9
VOUT2
10
VCCA2
11
FB2
12
PGD2
13
VSSA2
14
PGND2
15
DL2
16
VDDP2
17
ILIM2
18
LX2
19
DH2
20
BST2
21
U1
SC1485
C9
1uF
R4
R3
VOUT
C4
1nF
VBAT
R1
5VSUS
PGOOD
Q2
Q1
C10
1uF
R5
C5 0.1uF
D1
SOD323
C6
2n2/50V
5VSUS
VBAT
L1
+
C3
VOUT1
R2
10R
0402
0402
0402
0402
C7
0402
0603
0402
0402
R6 0R (1)
7343
+
C8
7343
0402
C1
0u1/25V
C2
10u/25V
0603
1210
0603
0402
0603
VOUT1
VSSA2
VSSA2
VSSA1
VSSA1
C19
1uF
R9
20k0
R13
20k0
VOUT
C18
1nF
R7
1M
5VSUS
PGOOD
VBAT
Q3
IRF7811AV
Q4
FDS6676S
C20
1uF
R10 7k87
C11 0.1uF
D2
SOD323
C12
2n2/50V
5VSUS
VBAT
L2
2u2
+
C17
220u/25m
Figure 8: Reference Design and Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com