Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1403ITSTRT Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC1403ITSTRT
Description  Mobile Multi-Output PWM Controller with Lossless Current Sense
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1403ITSTRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC1403ITSTRT Datasheet HTML 12Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 13Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 14Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 15Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 16Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 17Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 18Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 19Page - Semtech Corporation SC1403ITSTRT Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
16
 2004 Semtech Corp.
SC1403
PRELIMINARY
POWER MANAGEMENT
United States Patent No. 6,377,032
www.semtech.com
Applications Information (Cont.)
Measured overall gain & phase response of the single-pole com-
pensation using SC1403 is plotted below.
-20
-10
0
10
20
30
40
50
60
100
1000
10000
100000
f(Hz)
-20
0
20
40
60
80
100
120
140
160
180
100
1000
10000
100000
f (Hz)
Table I. Recommended compensation cap for different output
capacitance.
p
a
C
t
u
p
t
u
On
o
it
a
s
n
e
p
m
o
C
d
e
d
n
e
m
m
o
c
e
R
e
u
l
a
V
p
a
C
F
µ
0
8
1
=
<F
p
0
0
1
F
µ
0
0
0
1
<
&
F
µ
0
8
1
>F
p
0
0
2
F
µ
0
0
0
1
>F
p
0
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com