Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2616MLTR Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC2616MLTR
Description  Complete DDR Power Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2616MLTR Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC2616MLTR Datasheet HTML 5Page - Semtech Corporation SC2616MLTR Datasheet HTML 6Page - Semtech Corporation SC2616MLTR Datasheet HTML 7Page - Semtech Corporation SC2616MLTR Datasheet HTML 8Page - Semtech Corporation SC2616MLTR Datasheet HTML 9Page - Semtech Corporation SC2616MLTR Datasheet HTML 10Page - Semtech Corporation SC2616MLTR Datasheet HTML 11Page - Semtech Corporation SC2616MLTR Datasheet HTML 12Page - Semtech Corporation SC2616MLTR Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
© 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2616
maximum voltage applied to these pins do not exceed
the chipsets specifications. A separate lower pullup supply
may be necessary to avoid damage to the chipset.
“Back Feeding” the Input Supply
When in S3 state, VDDQ is supplied by the linear regulator
and current can flow back from the VDDQ supply through
the body diode of the Top switching MOSFET to the 5V
supply of the Silver Box, which is off during the S3 state.
This in turn shorts out the VDDQ supply and is not
acceptable.
An addittional MOSFET should be addded to avoid the
reverse current flow. The MOSFETs should have the drains
to each other(common- Drain).
During S0 to S3 transition, As soon as SLP_S3 signal
goes low, BG signal stops chopping. This can prevent the
inductor to build up its current in the reverse direction.
To avoid the MOSFET damaged by overshoot, the input
bulk capacitor must be added to the node of common -
Drain.
Current Limit
Current limit is implemented by sensing the VDDQ voltage.
If it falls to 75% off its nominal voltage, as sensed by the
FB pin, the TG and BG pins are latched off and the
switcher and the linear converters are shut down. To
recover from the current limit condition, either the power
rails, 5VCC or 12VCC have to be recycled, or the SS/EN
pin must be pulled low and released to restart switcher
operation.
Thermal Shutdown
There are three independent Thermal Shutdown
protection circuits in the SC2616: the VDDQ linear
regulator, the VTT source regulator, and the VTT sink
regulator. If any of the three regulators’ temperature
rises above the threshold, that regulator will turn off
independently, until the temperature falls below the
thermal shutdown limit.
OUTPUT INDUCTOR - A good starting point for output
filter component selection is to choose an inductor value
Applications Information (Cont.)
that will give an inductor ripple current of approximately
20% of max. output current.
Inductor ripple current is given by:-
OSC
IN
O
O
RIPPLE
L
f
L
V
V
V
I
⋅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
⋅
=
1
So choose inductor value from:-
OSC
O
IN
O
O
f
I
V
V
V
L
⋅
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
⋅
⋅
=
1
5
OUTPUT CAPACITOR(S) - The output capacitors should
be selected to meet output ripple and transient response
criteria. Output ripple voltage is caused by the inductor
ripple current flowing in the output capacitor’s ESR (There
is also a component due to the inductor ripple current
charging and discharging the output capacitor itself, but
this component is usually small and can often be ignored).
Given a maximum output voltage ripple requirement, ESR
is given by:-
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
⋅
⋅
⋅
<
IN
O
O
RIPPLE
OSC
ESR
V
V
V
V
f
L
R
1
Output voltage transient excursions are a function of load
current transient levels, input and output voltages and
inductor and capacitor values.
Capacitance and R
ESR values to meet a required tran-
sient condition can be calculated from
release)
(load
transients
positive
for
V
V
and
n)
applicatio
(load
transients
negative
for
V
V
V
where
V
V
I
L
C
I
V
R
O
A
O
IN
A
A
T
T
T
T
ESR
=
−
=
⋅
⋅
⋅
>
<
2
2
values for positive and negative transients must be cal-
culated seperately and the worst case value chosen. For
Capacitor values, the calculated value should be doubled
to allow for duty cycle limitation and voltage drop issues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com