Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

06310HS02TXCK Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # 06310HS02TXCK
Description  310, 315 All-Welded “Mini” Diaphragm Seal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

06310HS02TXCK Datasheet(HTML) 3 Page - Ashcroft, Inc.

  06310HS02TXCK Datasheet HTML 1Page - Ashcroft, Inc. 06310HS02TXCK Datasheet HTML 2Page - Ashcroft, Inc. 06310HS02TXCK Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Allspecifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2021 Ashcroft Inc. 310-315_seal_ds_RevD_07-15-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
Data Sheet
310, 315 All-Welded “Mini” Diaphragm Seal
of 3
3
A
B
C
310 mini-seal – Threaded 1/4, 1/2, 3/4, NPT
A
B
C
in mm
in mm
in mm
Type 310
1.75 [38]
.81 [30]
1.34 [34]
Type 315
1.73 [44]
2.25 [57.2]
1.34 [34]
315 mini-seal – Threaded 1/4, 1/2, 3/4, NPT
Flushing
connection
¼ or ½
NPT
A
B
C
AISI 316L
DIMENSIONS in [ ] are millimeters
Drawings are for reference only, consult Ashcroft for specific dimensional drawings.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com