Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48RA5 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT48RA5
Description  Remote Type 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA5 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT48RA5 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48RA5 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
HT48RA5/HT48CA5
Remote Type 8-Bit MCU
Rev. 1.30
1
October 12, 2007
General Description
The HT48RA5/HT48CA5 are 8-bit high performance,
RISC architecture microcontroller devices specifically
designed for multiple I/O control product applications.
The data ROM can be used to store remote control
codes. The mask version HT48CA5 is fully pin and func-
tionally compatible with the OTP version HT48RA5 de-
vice.
The advantages of low power consumption, I/O flexibil-
ity, timer functions, oscillator options, watchdog timer,
programmable frequency divider, HALT and wake-up
functions, as well as low cost, enhance the versatility of
these devices to suit a wide range of application possi-
bilities such as industrial control, consumer products,
subsystem controllers, and particularly suitable for use
in products such as universal remote controller (URC).
Features
· Operating voltage: 2.0V~5.5V
· 23 bidirectional I/O lines (max.)
· 1 interrupt input shared with an I/O line
· 8-bit programmable timer/event counter with
overflow interrupt and 8-stage prescaler (TMR0)
· 16-bit programmable timer/event counter and
overflow interrupts (TMR1)
· On-chip crystal and RC oscillator
· Watchdog Timer
· 40K´16 program memory (8K´16 bits´5 banks)
· 224´8 data memory RAM
· PFD supported
· HALT function and wake-up feature reduce power
consumption
· 8-level subroutine nesting
· Up to 1ms instruction cycle with 4MHz system clock at
VDD=3V
· Bit manipulation instruction
· 16-bit table read instruction
· 63 powerful instructions
· All instructions in one or two machine cycles
· Low voltage reset function
· 28-pin SOP/SSOP (209mil) package
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0016E Writing and Reading to the HT24 EEPROM with the HT48 MCU Series
- HA0018E Controlling the HT1621 LCD Controller with the HT48 MCU Series
- HA0041E Using the HT48CA0 to Generate the HT6221 Output Signals
- HA0075E MCU Reset and Oscillator Circuits Application Note
- HA0076E HT48RAx/HT48CAx Software Application Note
- HA0082E HT48xA0-1 and HT48xA0-2 Power-on Reset Timing


Similar Part No. - HT48RA5

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA5 HOLTEK-HT48RA5 Datasheet
296Kb / 39P
Remote Type 8-Bit MCU
June 10, 2005
HT48RA5 HOLTEK-HT48RA5 Datasheet
271Kb / 38P
Remote Type 8-Bit MCU
May 22, 2009
HT48RA5 HOLTEK-HT48RA5_09 Datasheet
271Kb / 38P
Remote Type 8-Bit MCU
May 22, 2009
More results

Similar Description - HT48RA5

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
8-Bit Remote Type MCU
July 16, 2003
HT48RA0A HOLTEK-HT48RA0A Datasheet
238Kb / 31P
8-Bit Remote Type MCU
July 16, 2003
HT48RA0 HOLTEK-HT48RA0 Datasheet
238Kb / 32P
Remote Type 8-Bit MCU
July 23, 2004
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
Remote Type 8-Bit MCU
June 25, 2004
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
Remote Type 8-Bit MCU
December 21, 2005
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
Remote Type 8-Bit MCU
October 12, 2007
HT48RA3 HOLTEK-HT48RA3_07 Datasheet
274Kb / 38P
Remote Type 8-Bit MCU
October 12, 2007
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
Remote Type 8-Bit MCU
October 12, 2007
HT48RA1 HOLTEK-HT48RA1_09 Datasheet
269Kb / 38P
Remote Type 8-Bit MCU
May 22, 2009
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
Remote Type 8-bit MCU
March 24, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com