Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR8CM Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # BCR8CM
Description  Triac 8 Amperes/400-600 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR8CM Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  BCR8CM Datasheet HTML 1Page - Powerex Power Semiconductors BCR8CM Datasheet HTML 2Page - Powerex Power Semiconductors BCR8CM Datasheet HTML 3Page - Powerex Power Semiconductors BCR8CM Datasheet HTML 4Page - Powerex Power Semiconductors BCR8CM Datasheet HTML 5Page - Powerex Power Semiconductors BCR8CM Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
BCR8CM
Triac
8 Amperes/400-600 Volts
T-35
Electrical and Thermal Characteristics, Tj = 25 °C unless otherwise specified
Test Conditions (Trigger Mode)
BCR8CM
Characteristics
Symbol
VD
RL
RG
Tj
Min.
Typ.
Max.
Units
Gate Parameters
DC Gate Trigger Current
MT2+ Gate+
6V
6
330
25°C
–
–
30
mA
MT2+ Gate–
IGT
6V
6
330
25°C
–
–
30
mA
MT2– Gate–
6V
6
330
25°C
–
–
30
mA
DC Gate Trigger Voltage
MT2+ Gate+
6V
6
330
25°C
–
–
1.5
Volts
MT2+ Gate–
VGT
6V
6
330
25°C
–
–
1.5
Volts
MT2– Gate–
6V
6
330
25°C
–
–
1.5
Volts
DC Gate Non-trigger Voltage
All
VGD
1/2 VDRM
–
–
125°C
0.2
–
–
Volts



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com