Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C1024 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M27C1024
Description  1 Mbit (64Kb x16) UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1024 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M27C1024 Datasheet HTML 7Page - STMicroelectronics M27C1024 Datasheet HTML 8Page - STMicroelectronics M27C1024 Datasheet HTML 9Page - STMicroelectronics M27C1024 Datasheet HTML 10Page - STMicroelectronics M27C1024 Datasheet HTML 11Page - STMicroelectronics M27C1024 Datasheet HTML 12Page - STMicroelectronics M27C1024 Datasheet HTML 13Page - STMicroelectronics M27C1024 Datasheet HTML 14Page - STMicroelectronics M27C1024 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
PDIP40 - 40 pin Plastic DIP, 600 mils width
PDIP
A2
A1
A
L
B1
B
e1
D
S
E1
E
N
1
C
α
eA
eB
D2
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
4.45
–
–
0.175
–
–
A1
0.64
0.38
–
0.025
0.015
–
A2
3.56
3.91
0.140
0.154
B
0.38
0.53
0.015
0.021
B1
1.14
1.78
0.045
0.070
C
0.20
0.31
0.008
0.012
D
51.78
52.58
2.039
2.070
D2
48.26
–
–
1.900
–
–
E
14.80
16.26
0.583
0.640
E1
13.46
13.99
0.530
0.551
e1
2.54
–
–
0.100
–
–
eA
15.24
–
–
0.600
–
eB
15.24
17.78
0.600
0.700
L
3.05
3.81
0.120
0.150
S
1.52
2.29
0.060
0.090
α
0
°
15
°
0É
15
°
N40
40
Drawing is not to scale.
12/15
M27C1024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com