Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR8CS Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # BCR8CS
Description  MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR8CS Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  BCR8CS Datasheet HTML 1Page - Powerex Power Semiconductors BCR8CS Datasheet HTML 2Page - Powerex Power Semiconductors BCR8CS Datasheet HTML 3Page - Powerex Power Semiconductors BCR8CS Datasheet HTML 4Page - Powerex Power Semiconductors BCR8CS Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
10–1
23
101
57 102 23 5 7 103 23 5 7 104
101
7
5
3
2
100
7
5
3
2
7
5
3
2
VGT = 1.5V
PG(AV) = 0.5W
VGM = 10V
PGM = 5W
IGM = 2A
IFGT I IRGT I, IRGT III
VGD = 0.2V
2.2
2.4
0
2.0
1.8
1.6
1.4
1.2
0.6
0.8
0.4
0.2
23
10–1
57 100 23 5 7 101 23 5 7 102
23
102
57 103
1.0
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
TYPICAL EXAMPLE
0
–40
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
40
80
120
IRGT I IFGT I
IRGT III
TYPICAL EXAMPLE
16
12
10
6
2
0
16
8
2
0
4
6
10
12
14
4
8
14
360°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
160
120
100
60
20
0
16
8
2
0
4
6
10
12
14
40
80
140
CURVES APPLY REGARDLESS
OF CONDUCTION ANGLE
360°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
MAXIMUM ON-STATE POWER
DISSIPATION
RMS ON-STATE CURRENT (A)
ALLOWABLE CASE TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
MAXIMUM TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION TO CASE)
CONDUCTION TIME
(CYCLES AT 60Hz)
GATE CURRENT (mA)
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
GATE TRIGGER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
GATE CHARACTERISTICS
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR8CS
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com