Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA108S1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # DA108S1
Description  Diode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DA108S1 Datasheet(HTML) 6 Page - STMicroelectronics

  DA108S1 Datasheet HTML 1Page - STMicroelectronics DA108S1 Datasheet HTML 2Page - STMicroelectronics DA108S1 Datasheet HTML 3Page - STMicroelectronics DA108S1 Datasheet HTML 4Page - STMicroelectronics DA108S1 Datasheet HTML 5Page - STMicroelectronics DA108S1 Datasheet HTML 6Page - STMicroelectronics DA108S1 Datasheet HTML 7Page - STMicroelectronics DA108S1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package mechanical data
DA108S1 / DA112S1
6/8
3
Package mechanical data
●
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 4.
SO-8 Dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.75
0.069
A1
0.1
0.25
0.004
0.010
A2
1.25
0.049
b
0.28
0.48
0.011
0.019
C
0.17
0.23
0.007
0.009
D
4.80
4.90
5.00
0.189 0.193 0.197
E
5.80
6.00
6.20
0.228 0.236 0.244
E1
3.80
3.90
4.00
0.150 0.154 0.157
e
1.27
0.050
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
L1
1.04
0.041
k°
0
8
0
8
ccc
0.10
0.004
E1
D
8
4
1
5
E
e
A
A2
b
A1
ccc C
k
h x 45°
L
L1
C
(Seating
Plane)
0.25mm
(Gage Plane)
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com